Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 60 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 60 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 59Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 60Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 61Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 62Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 63Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 64Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
TCRS Choke Coil Inductors Radial
Back to 1st Page - Choke Coil Inductors Radial (TCRS)
Part Number: TCRS
How to Order
0606
TCRS
220
Inductance
Code
Inductance
220
22.00µH
101
100.00µH
102
1000.00µH
103
10000.00µH
M
Tolerance
Code
Tolerance
J
5%
K
10%
L
15%
M
20%
N
30%
Y
min
Code
Size
0606
6.5×6.5mm
0807
8.5×7.3mm
Size
58 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com