Electronic Components Datasheet Search
  English  ▼

X  

TCUT20183P Datasheet(PDF) 54 Page - Token Electronics Industry Co., Ltd.

Part # TCUT20183P
Description  TCUU EMI Line Filters
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUT20183P Datasheet(HTML) 54 Page - Token Electronics Industry Co., Ltd.

Back Button TCUT20183P Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. TCUT20183P Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
TCRC Choke Coil Inductors Radial
(TCRC1012) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRC1012 - 1R0N
1.00
1
0.010
6.00
TCRC1012 - 1R5N
1.50
1
0.010
6.00
TCRC1012 - 1R8N
1.80
1
0.015
6.00
TCRC1012 - 2R7N
2.70
1
0.015
5.50
TCRC1012 - 3R3N
3.30
1
0.015
5.50
TCRC1012 - 3R9N
3.90
1
0.020
5.00
TCRC1012 - 4R7N
4.70
1
0.020
5.00
TCRC1012 - 5R6N
5.60
1
0.025
4.80
TCRC1012 - 6R8N
6.80
1
0.025
4.80
TCRC1012 - 8R2N
8.20
1
0.025
4.50
TCRC1012 - 100M
10.00
1
0.025
4.50
TCRC1012 - 120M
12.00
1
0.025
4.30
TCRC1012 - 150M
15.00
1
0.035
4.30
TCRC1012 - 180M
18.00
1
0.040
4.00
TCRC1012 - 220M
22.00
1
0.045
3.70
TCRC1012 - 270M
27.00
1
0.045
3.50
TCRC1012 - 330M
33.00
1
0.055
3.00
TCRC1012 - 390M
39.00
1
0.060
2.50
TCRC1012 - 470M
47.00
1
0.080
2.30
TCRC1012 - 560M
56.00
1
0.085
2.00
TCRC1012 - 680M
68.00
1
0.095
2.00
TCRC1012 - 820M
82.00
1
0.110
1.80
TCRC1012 - 101M
100.00
1
0.140
1.70
TCRC1012 - 121M
120.00
1
0.160
1.50
TCRC1012 - 151M
150.00
1
0.180
1.40
TCRC1012 - 181M
180.00
1
0.250
1.30
TCRC1012 - 221M
220.00
1
0.280
1.00
TCRC1012 - 271M
270.00
1
0.420
0.90
TCRC1012 - 331M
330.00
1
0.540
0.80
TCRC1012 - 391M
390.00
1
0.600
0.80
TCRC1012 - 471M
470.00
1
0.660
0.70
TCRC1012 - 561M
560.00
1
0.740
0.60
TCRC1012 - 681M
680.00
1
0.840
0.50
TCRC1012 - 821M
820.00
1
1.080
0.50
TCRC1012 - 102M
1000.00
1
1.390
0.50
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
52 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com