Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 4 Page - Texas Instruments

  AM3517 Datasheet HTML 1Page - Texas Instruments AM3517 Datasheet HTML 2Page - Texas Instruments AM3517 Datasheet HTML 3Page - Texas Instruments AM3517 Datasheet HTML 4Page - Texas Instruments AM3517 Datasheet HTML 5Page - Texas Instruments AM3517 Datasheet HTML 6Page - Texas Instruments AM3517 Datasheet HTML 7Page - Texas Instruments AM3517 Datasheet HTML 8Page - Texas Instruments AM3517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 218 page
background image
64
64
Async
64
64
L2$
256K
MPU
Subsystem
ARM Cortex-
A8
TM Core
16K/16K L1$
POWERVR
SGX
Graphics
Accelerator
(
only)
TM
AM3517
32
32
32
Channel
System
DMA
32
32
Analog
DAC
LCD Panel
CVBS
or
S-Video
Dual Output 3-Layer
Display Processor
(1xGraphics, 2xVideo)
Temporal Dithering
SDTV → QCIF Support
32
HS/FS/
LS
USB
Host
32
L3 Interconnect Network-Hierarchial, Performance, and Power Driven
64K
On-Chip
RAM
32
132K
On-Chip
BOOT
ROM
SMS:
SDRAM
Memory
Scheduler/
Rotation
64
EMIF
Controller
L4 Interconnect
32
System
Controls
PRCM
External
Peripherals
Interfaces
Peripherals:
4xUART, 3xHigh-Speed I2C,
5xMcBSP
(2x with Sidetone/Audio Buffer)
4xMcSPI, 186xGPIO,
3xHigh-Speed MMC/SDIO,
HDQ/1 Wire,
12xGPTimers, 1xWDT,
32K Sync Timer
GPMC:
General
Purpose
Memory
Controller
32
Emulation
Debug: ETM, JTAG
External
DDR2/
mDDR
32
SPRS550-006
Parallel
HECC
EMAC
VPFE
USB PHY
USB OTG
Controller
DDR PHY
NAND/NOR/
FLASH,
SRAM
USB transceivers /
device ports [3]
AM3517, AM3505
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
www.ti.com
1.3
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the AM3517/05 ARM Microprocessor.
Figure 1-1. AM3517/05 Functional Block Diagram
4
AM3517/05 ARM Microprocessor
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com