Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 29Page - Texas Instruments AM3517 Datasheet HTML 30Page - Texas Instruments AM3517 Datasheet HTML 31Page - Texas Instruments AM3517 Datasheet HTML 32Page - Texas Instruments AM3517 Datasheet HTML 33Page - Texas Instruments AM3517 Datasheet HTML 34Page - Texas Instruments AM3517 Datasheet HTML 35Page - Texas Instruments AM3517 Datasheet HTML 36Page - Texas Instruments AM3517 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 218 page
background image
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
mcspi3_cs0
1
IO
hsusb1_
3
IO
data2
gpio_16
4
IO
mm_fsusb1_t 5
IO
xdat
AA18
etk_d3
0
O
L
PU
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcspi3_clk
1
IO
mmc3_dat3
2
IO
hsusb1_
3
IO
data7
gpio_17
4
IO
Y18
etk_d4
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcbsp5_dr
1
I
mmc3_dat0
2
IO
hsusb1_
3
IO
data4
gpio_18
4
IO
AE19
etk_d5
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcbsp5_fsx
1
IO
mmc3_dat1
2
IO
hsusb1_
3
IO
data5
gpio_19
4
IO
AD19
etk_d6
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcbsp5_dx
1
IO
mmc3_dat2
2
IO
hsusb1_
3
IO
data6
gpio_20
4
IO
AB19
etk_d7
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcspi3_cs1
1
O
mmc3_dat7
2
IO
hsusb1_
3
IO
data3
gpio_21
4
IO
mm_fsusb1_t 5
IO
xen_n
AE20
etk_d8
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mmc3_dat6
2
IO
hsusb1_dir
3
I
gpio_22
4
IO
AD20
etk_d9
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mmc3_dat5
2
IO
hsusb1_nxt
3
I
gpio_23
4
IO
mm_fsusb1_r 5
IO
xdm
AC20
etk_d10
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
uart1_rx
2
I
hsusb2_clk
3
O
gpio_24
4
IO
AB20
etk_d11
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
mcspi3_clk
1
IO
hsusb2_stp
3
O
gpio_25
4
IO
mm_fsusb2_r 5
IO
xdp
Copyright © 2009–2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
33
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com