Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 45Page - Texas Instruments AM3517 Datasheet HTML 46Page - Texas Instruments AM3517 Datasheet HTML 47Page - Texas Instruments AM3517 Datasheet HTML 48Page - Texas Instruments AM3517 Datasheet HTML 49Page - Texas Instruments AM3517 Datasheet HTML 50Page - Texas Instruments AM3517 Datasheet HTML 51Page - Texas Instruments AM3517 Datasheet HTML 52Page - Texas Instruments AM3517 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 218 page
background image
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
Table 2-2. Ball Characteristics (ZER Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION [2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
L5
VREFSSTL
0
I
G9
VDDSOSC
O
PWR
1.8V
A1, A11,
VSS
0
GND
A22, E6,
E16, F6,
F13, F15,
F17, G5,
G7, G11,
G14, G16,
G18, H6,
H7, H8, H9,
H10, H11,
H12, H13,
H14, H15,
H16, H17,
J9, J11,
J13, J15,
K8, K10,
K12, K14,
K16, L7,
L9, L11,
L13, L15,
M1, M6,
M8, M10,
M12, M14,
M16, M22,
N7, N9,
N11, N13,
N15, N17,
P6, P8,
P10, P12,
P14, P16,
R5, R7, R9,
R11, R13,
R15, R17,
T6, T8,
T10, T12,
T14, T16,
T18, U5,
U7, U9,
U11, U13,
U15, U17,
V6, AB1,
AB12,
AB22
B10
VSSOSC
0
GND
D8, D9,
NC
(1)
D10, E8,
F8, F9,
F10, J7, G6
V15
Reserved
(2)
V16
Reserved
(2)
(1)
"NC" indicates "No Connect". For proper device operation, these pins must be left unconnected.
(2)
For proper device operation, this pin must be pulled up via a 10k-
Ω resistor.
Copyright © 2009–2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
49
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com