Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 27Page - Texas Instruments AM3517 Datasheet HTML 28Page - Texas Instruments AM3517 Datasheet HTML 29Page - Texas Instruments AM3517 Datasheet HTML 30Page - Texas Instruments AM3517 Datasheet HTML 31Page - Texas Instruments AM3517 Datasheet HTML 32Page - Texas Instruments AM3517 Datasheet HTML 33Page - Texas Instruments AM3517 Datasheet HTML 34Page - Texas Instruments AM3517 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 218 page
background image
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
safe_mode
7
AD16
mcspi2_clk
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
hsusb2_
3
IO
data7
gpio_178
4
IO
safe_mode
7
AC16
mcspi2_
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
simo
gpt9_pwm_e 1
IO
vt
hsusb2_
3
IO
data4
gpio_179
4
IO
safe_mode
7
AB16
mcspi2_
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
somi
gpt10_pwm_ 1
IO
evt
hsusb2_
3
IO
data5
gpio_180
4
IO
safe_mode
7
AA16
mcspi2_cs0
0
IO
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpt11_pwm_ 1
IO
evt
hsusb2_
3
IO
data6
gpio_181
4
IO
safe_mode
7
AE17
mcspi2_cs1
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpt8_pwm_e 1
IO
vt
hsusb2_
3
IO
data3
gpio_182
4
IO
mm_fsusb2_t 5
IO
xen_ n
safe_mode
7
K24
sys_32k
0
I
Z
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
K25
sys_xtalin
0
I
Z
Z
0
VDDSOSC
1.8V
NA
PU/ PD
LVCMOS
H25
sys_xtalout
0
O
Z
Z
0
VDDSOSC
1.8V
NA
PU/ PD
LVCMOS
M24
sys_clkreq
0
IO
L
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_1
4
IO
Y1
sys_nirq
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_0
4
IO
safe_mode
7
Y2
sys_
0
I
Z
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
nrespwron
Y3
sys_
0
IO
L
PD
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
nreswarm
gpio_30
4
IO
Open Drain
Y4
sys_boot0
0
I
Z
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_2
4
IO
AA1
sys_boot1
0
I
Z
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_3
4
IO
AA2
sys_boot2
0
I
Z
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_4
4
IO
AA3
sys_boot3
0
I
Z
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_5
4
IO
AB1
sys_boot4
0
I
Z
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
Copyright © 2009–2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
31
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com