Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 7Page - Texas Instruments AM3517 Datasheet HTML 8Page - Texas Instruments AM3517 Datasheet HTML 9Page - Texas Instruments AM3517 Datasheet HTML 10Page - Texas Instruments AM3517 Datasheet HTML 11Page - Texas Instruments AM3517 Datasheet HTML 12Page - Texas Instruments AM3517 Datasheet HTML 13Page - Texas Instruments AM3517 Datasheet HTML 14Page - Texas Instruments AM3517 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 218 page
background image
L
K
J
H
G
F
E
22
23
15
16
17
18
19
20
21
22
23
E
D
D
C
C
24
25
24
25
B
B
A
A
15
16
17
18
19
20
L
K
J
H
G
F
21
14
14
VSS
HDQ_
SIO
NC
NC
NC
VDDSHV
VDD_CORE
VSS
VSS
VSS
NC
NC
TV_
OUT1
VSS
VSS
VSS
VDD_CORE
VDD_CORE
VDD_CORE
VDD_CORE
VDD_CORE
VDDSHV
VSS
VSS
VDDSHV
VDDS
VDDS
VDDS
VDDS
VDDS
NC
UART2_RTS
SYS_
XTALIN
SYS_32K
VSSOSC
SYS_
XTALOUT
TV_
OUT2
TV_VFB2
VSSA_DAC
VDDA_DAC
TV_VFB1
VSS
VSS
USB0_ID
USB0_DP
USB0_
DRVVBUS
MCBSP2_
FSX
MCBSP2_
CLKX
MCBSP2_DR
VSS
MCBSP3_
CLKX
MCBSP3_DX
MCBSP3_
DR
MCBSP2_
DX
UART2
_TX
MCBSP4_
DR
MCBSP4_
CLKX
MCBSP3_
FSX
UART2_RX
VDDA3P3V
_USBPHY
VDDA1P8V
_USBPHY
CAP_
VDDA1P2LDO
_USBPHY
MCBSP4_
FSX
SDRC_
D1
SDRC_
DQS0N
SDRC_
STRBEN0
SDRC_
STRBEN
_DLY0
SDRC_
DQS1N
SDRC_
D14
SDRC_
D15
SDRC_
NCS1
SDRC_
NWE
SDRC_
DM1
SDRC_
D13
SDRC_
DQS1P
SDRC_
D8
SDRC_
D7
SDRC_
DQS0P
SDRC_
D0
MCBSP4_
DX
SDRC_DM0
SDRC_D3
SDRC_D6
SDRC_D10
SDRC_D12
SDRC_NRAS
SDRC_CKE0
SDRC_NCAS
VREFSSTL
SDRC_D2
SDRC_D5
SDRC_D9
SDRC_D11
SDRC_D4
VDDS_SRAM
_CORE_BG
CAP_VDD_
SRAM_CORE
USB0_DM
UART2_CTS
USB0_
VBUS
VDDSHV
VDDSOSC
NC
NC
TV_VREF
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
Figure 2-3. ZCN Pin Map [Quadrant C]
Copyright © 2009–2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
11
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com