Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 1 Page - Texas Instruments

  AM3517 Datasheet HTML 1Page - Texas Instruments AM3517 Datasheet HTML 2Page - Texas Instruments AM3517 Datasheet HTML 3Page - Texas Instruments AM3517 Datasheet HTML 4Page - Texas Instruments AM3517 Datasheet HTML 5Page - Texas Instruments AM3517 Datasheet HTML 6Page - Texas Instruments AM3517 Datasheet HTML 7Page - Texas Instruments AM3517 Datasheet HTML 8Page - Texas Instruments AM3517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 218 page
background image
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
AM3517/05 ARM Microprocessor
Check for Samples: AM3517, AM3505
1
AM3517/05 ARM Microprocessor
1.1
Features
123
–
SIDETONE Core Support (McBSP2 and
• AM3517/05 ARM Microprocessor:
3 Only) For Filter, Gain, and Mix
– Software Compatible with OMAPTM 3
Operations
Processors
–
128-Channel Transmit/Receive Mode
– MPU Subsystem
–
Direct Interface to I2S and PCM Device
•
600-MHz ARM Cortex-A8 Core
and TDM Buses
•
NEON SIMD Coprocessor and Vector
•
HDQ/1-Wire Interface
floating point (FP) co-processor
•
4 UARTs (One with Infrared Data
– Memory Interfaces:
Association [IrDA] and Consumer Infrared
•
16/32- bit mDDR/DDR2 Interface with 1
[CIR] Modes)
GByte total addressable space
•
3 Master/Slave High-Speed
•
General Purpose Memory Interface
Inter-Integrated Circuit (I2C) Controllers
supporting 16-bit Wide Multiplexed
•
12 32-bit General Purpose Timers
Address/Data bus
•
1 32-bit Watchdog Timer
•
64 K-Byte SRAM
•
1 32-bit 32-kHz Sync Timer
•
3 Removable Media Interfaces
•
Up to 186 General-Purpose I/O (GPIO)
[MMC/SD/SDIO]
Pins
– IO Voltage:
• Display subsystem
•
mDDR/DDR2 IOs: 1.8V
– Parallel Digital Output
•
Other IOs: 1.8V and 3.3V
– Up to 24-Bit RGB
– Core Voltage: 1.2V
– Supports Up to 2 LCD Panels
– Commercial and Industrial Temperature
– Support for Remote Frame Buffer Interface
Grade
(RFBI) LCD Panels
(operating restrictions apply)
– Two 10-bit Digital-to-Analog Converters
– 16-bit Video Input Port capable of capturing
(DACs) Supporting
HD video
•
Composite NTSC/PAL Video
– HD resolution Display Subsystem
•
Luma/Chroma Separate Video (S-Video)
– Serial Communication
– Rotation 90, 180, and 270 degrees
•
High-End CAN Controller
– Resize Images From 1/4x to 8x
•
10/100 Mbit Ethernet MAC
– Color Space Converter
•
USB OTG subsystem with standard
DP/DM interface [HS/FS/LS]
– 8-bit Alpha Blending
•
Multiport USB Host Subsystem
• Video Processing Front End (VPFE) 16-bit
[HS/FS/LS]
Video Input Port
–
12-pin ULPI or 6/4/3-pin Serial
– RAW Data Interface
Interface
– 75-MHz Maximum Pixel Clock
•
Four Master/Slave Multichannel Serial
– Supports REC656/CCIR656 Standard
Port Interface (McSPI) Ports
– Supports YCbCr422 Format (8-bit or 16-bit
•
Five Multichannel Buffered Serial Ports
With Discrete Horizontal and Vertical Sync
–
512-Byte Transmit/Receive Buffer
Signals)
(McBSP1/3/4/5)
– Generates Optical Black Clamping Signals
–
5K-Byte Transmit/Receive Buffer
– Built-in Digital Clamping and Black Level
(McBSP2)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERVR SGX is a trademark of Imagination Technologies Ltd.
3
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative
Copyright © 2009–2010, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - AM3517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
ARM Microprocessor
AM3517 TI1-AM3517 Datasheet
1Mb / 223P
ARM Microprocessors
AM3517 TI1-AM3517 Datasheet
2Mb / 223P
AM3517, AM3505 Sitara??Processors
AM3517AZCN TI1-AM3517AZCN Datasheet
2Mb / 223P
AM3517, AM3505 Sitara??Processors
AM3517AZCNA TI1-AM3517AZCNA Datasheet
2Mb / 223P
AM3517, AM3505 Sitara??Processors
More results

Similar Description - AM3517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
AM1707 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
AM1705 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1802 TI1-AM1802 Datasheet
1Mb / 180P
AM1802 ARM Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com