Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 91Page - Texas Instruments AM3517 Datasheet HTML 92Page - Texas Instruments AM3517 Datasheet HTML 93Page - Texas Instruments AM3517 Datasheet HTML 94Page - Texas Instruments AM3517 Datasheet HTML 95Page - Texas Instruments AM3517 Datasheet HTML 96Page - Texas Instruments AM3517 Datasheet HTML 97Page - Texas Instruments AM3517 Datasheet HTML 98Page - Texas Instruments AM3517 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 218 page
background image
Device
VDDS_DPLL_MPU_USBHOST
Power Rail
DPLL4
DPLL1
DPLL3
VDDS_DPLL_PER_CORE
DPLL5
030-016
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
4.4
DPLL Specifications
The AM3517/05 integrates four DPLLs. The PRM and CM drive them.
The four main DPLLs are:
•
DPLL1 (MPU)
•
DPLL3 (Core)
•
DPLL4 (Peripherals)
•
DPLL5 (Second Peripherals DPLL)
Figure 4-6 illustrates the DPLL implementation.
Figure 4-6. DPLL Implementation
4.4.1
Digital Phase-Locked Loop (DPLL)
The DPLL provides all interface clocks and some functional clocks (such as the processor clocks) of the
AM3517/05 device.
DPLL1 gets an always-on clock used to produce the synthesized clock. They get a high-speed bypass
clock used to switch the DPLL output clock on this high-speed clock during bypass mode.
The high-speed bypass clock is an L3 divided clock (programmable by 1 or 2) that saves DPLL processor
power consumption when the processor does not need to run faster than the L3 clock speed, or optimizes
performance during frequency scaling.
Each DPLL synthesized frequency is set by programming M (multiplier) and N (divider) factors. In addition,
all DPLL outputs can be controlled by an independent divider (M2 to M6).
The clock generating DPLLs of the AM3517/05 device have following features:
•
Independent power domain per DPLL
•
Controlled by clock-manager (CM)
•
Fed with always-on system clock with independent gating control per DPLL
•
Analog part supplied through dedicated power supply (1.8 V) and an embedded LDO to get rid of
1-MHz noise
•
Up to four independent output dividers for simultaneous generation of multiple clock frequencies
Copyright © 2009–2010, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
95
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com