Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 93Page - Texas Instruments AM3517 Datasheet HTML 94Page - Texas Instruments AM3517 Datasheet HTML 95Page - Texas Instruments AM3517 Datasheet HTML 96Page - Texas Instruments AM3517 Datasheet HTML 97Page - Texas Instruments AM3517 Datasheet HTML 98Page - Texas Instruments AM3517 Datasheet HTML 99Page - Texas Instruments AM3517 Datasheet HTML 100Page - Texas Instruments AM3517 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 218 page
background image
DPLL_MPU
DPLL_CORE
DLL
DPLL5
DPLL4
VDDS_DPLL_MPU_USBHOST
VDDS_DPLL_PER_CORE
C
Noise Filter
C
Noise Filter
030-017
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
4.4.2
DPLL Noise Isolation
The DPLL requires dedicated power supply pins to isolate the core analog circuit from the switching noise
generated by the core logic that can cause jitter on the clock output signal. Guard rings are added to the
cell to isolate it from substrate noise injection.
The vdd supplies are the most sensitive to noise; decoupling capacitance is recommended below the
supply rails. The maximum input noise level allowed is 30 mVPP for frequencies below 1 MHz.
Figure 4-7 illustrates an example of a noise filter.
Figure 4-7. DPLL Noise Filter
Table 4-11 specifies the noise filter requirements.
Table 4-11. DPLL Noise Filter Requirements
NAME
MIN
TYP
MAX
UNIT
Filtering capacitor
100
nF
(1) The capacitors must be inserted between power and ground as close as possible.
(2) This circuit is provided only as an example.
(3) The filter must be located as close as possible to the device.
(4) No filtering required if noise is below 10 mVPP.
Copyright © 2009–2010, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
97
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com