Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 65Page - Texas Instruments AM3517 Datasheet HTML 66Page - Texas Instruments AM3517 Datasheet HTML 67Page - Texas Instruments AM3517 Datasheet HTML 68Page - Texas Instruments AM3517 Datasheet HTML 69Page - Texas Instruments AM3517 Datasheet HTML 70Page - Texas Instruments AM3517 Datasheet HTML 71Page - Texas Instruments AM3517 Datasheet HTML 72Page - Texas Instruments AM3517 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 218 page
background image
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
Table 2-20. Removable Media Interfaces – MMC/SDIO Signals Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZCN BALL
ZER BALL
mmc2_dat3
MMC/SD Card Data bit 3
IO
AE12
K21
mmc2_dat4
MMC/SD Card Data bit 4
IO
AB13
L18
mmc2_dat5
MMC/SD Card Data bit 5
IO
AC13
L20
mmc2_dat6
MMC/SD Card Data bit 6
IO
AD13
L21
mmc2_dat7
MMC/SD Card Data bit 7
IO
AE13
M19
mmc2_dir_cmd
Direction control for CMD
O
AD13
NA
signal case an external
transceiver is used
mmc2_cmd
MMC/SD command signal
IO
AE11
M20
MULTIMEDIA MEMORY CARD (MMC3) / SECURE DIGITAL IO (SDIO3)
mmc3_clk
MMC/SD Output Clock
O
AD15,AE17
J19
mmc3_cmd
MMC/SD command signal
IO
AD14,AE18
J20
mmc3_dat0
MMC/SD Card Data bit 0 / IO
AB13,Y18
E19
SPI Serial Input
mmc3_dat1
MMC/SD Card Data bit 1
IO
AC13,AE19
L20,F21
mmc3_dat2
MMC/SD Card Data bit 2
IO
AD13,AD19
L21,F19
mmc3_dat3
MMC/SD Card Data bit 3
IO
AE13,AA18
M19,G19
mmc3_dat4
MMC/SD Card Data bit 4
IO
AD18
G20
mmc3_dat5
MMC/SD Card Data bit 5
IO
AD20
D21
mmc3_dat6
MMC/SD Card Data bit 6
IO
AE20
D22
mmc3_dat7
MMC/SD Card Data bit 7
IO
AB19
E21
Copyright © 2009–2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
69
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com