| Electronic Components Datasheet Search |
|
AM3517 Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3517 Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 218 page ![]() AM3517, AM3505 SPRS550A – OCTOBER 2009 – REVISED MAY 2010 www.ti.com Table 2-15. Serial Communication Interfaces – McSPI Signals Description SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZCN BALL ZER BALL MULTICHANNEL SERIAL PORT INTERFACE (McSPI1) mcspi1_clk SPI Clock IO AE14 K22 mcspi1_simo Slave data in, master data IO AD15 K19 out mcspi1_somi Slave data out, master IO AC15 J18 data in mcspi1_cs0 SPI Enable 0, polarity IO AB15 K18 configured by software mcspi1_cs1 SPI Enable 1, polarity O AD14 J20 configured by software mcspi1_cs2 SPI Enable 2, polarity O AE15 J19 configured by software mcspi1_cs3 SPI Enable 3, polarity O AE16 J21 configured by software MULTICHANNEL SERIAL PORT INTERFACE (McSPI2) mcspi2_clk SPI Clock IO AD16,AC9 J22 mcspi2_simo Slave data in, master data IO AC16,AD9 H20 out mcspi2_somi Slave data out, master IO AB16,AE9 H22 data in mcspi2_cs0 SPI Enable 0, polarity IO AA16,AA10 H21 configured by software mcspi2_cs1 SPI Enable 1, polarity O AE17 H19 configured by software MULTICHANNEL SERIAL PORT INTERFACE (McSPI3) mcspi3_clk SPI Clock IO W25,AD11,AA18 C13, M21, G19, E20 mcspi3_simo Slave data in, master data IO V24,AE11,AD18 C15, M20, G20 out mcspi3_somi Slave data out, master IO V25, AB12, AC18 A13, K20, F22 data in mcspi3_cs0 SPI Enable 0, polarity IO U21,AE12,AB18 B13, K21, F20 configured by software mcspi3_cs1 SPI Enable 1, polarity O U22, AD12, AB19 C14, M18, E21 configured by software MULTICHANNEL SERIAL PORT INTERFACE (McSPI4) mcspi4_clk SPI Clock IO W20, R25 C20, B11 mcspi4_simo Slave data in, master data IO P22 C10 out mcspi4_somi Slave data out, master IO P23 C9 data in mcspi4_cs0 SPI Enable 0, polarity IO P24 C11 configured by software Table 2-16. Serial Communication Interfaces – HECC Signals Description SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZCN BALL ZER BALL hecc1_txd Transmit serial data pin O V2 AB15 hecc1_rxd Receive serial data pin I V3 AB16 Table 2-17. Serial Communication Interfaces – EMAC (RMII) Signals Description SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZCN BALL ZER BALL rmii_mdio_data Management data I/O IO AE6 U21 rmii_mdio_clk Management data clock O AD6 U22 64 TERMINAL DESCRIPTION Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3517 AM3505 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |