Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC83000IPWRQ1 Datasheet HTML 1Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 2Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 3Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 4Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 5Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 6Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 7Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 8Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Function Pin Description
Supply Voltage (Vcc)
This terminal is the input supply for the analog circuits, typically 5 V +5%/-10% tolerant. A noise filter
capacitor of 4.7
μF (typical) is required on this terminal to ensure stability of the internal circuits.
Ground (Gnd)
This terminal is connected to the system ground.
Ground (DGnd)
This terminal is connected to the system ground.
ADC Reference Voltage (VccA)
This terminal is the input reference for the ADC, typically 5 V. A noise filter capacitor of 0.1
μF (typical) is
required on this terminal to ensure stability of the internal circuits.
Supply Voltage (Vdd)
This terminal is the input supply for the digital circuits, typically 5-V tolerant. A capacitor of 4.7
μF (typical) is
required on this terminal to ensure stability of the internal circuits.
ADC Reference Voltage (GNDA)
This terminal is the input reference for the ADC, typically 0 V.
Gauge OUTPUT (SIP)
The SIP is a positive sensor output. This is the input to the amplifier used for the signal conditioning.
Gauge OUTPUT (SIN)
The SIN is a negative sensor output. This is the input to the amplifier used for the signal conditioning.
Data Input/Data Output (DI/DO)
The DI and DO is the UART communication interface, reporting information back to the microprocessor. This
is an open-drain output with the output set to high-impedance mode when other DO in the system is
activated. The output is by default in RX mode.
Reference Supply (REFI)
Internally generated reference voltage appears as resistor (10 k
Ω) is connected to this pin to set up
reference current for internal oscillator.
Internal oscillator frequency fosc = 2 × (VBG/R) / (VBG ×Ctrim)
VBG = Bandgap voltage (VREFI)
Ctrim = Internally trimmed capacitor
EEPROM Supply (PROGV)
This terminal is the supply for EEPROM program. A capacitor of ~1 nF is required on this terminal.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com