Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 18Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 19Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 20Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 21Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 22Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 23Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 24Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 25Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Table 13. Profile of Calibration Write Data Frames (Bank Addressing Mode)
DATA NAME
FRAME NO.
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
Data (Bank Address)
3
PSNID(1)
PSNID(0)
0
data 5bit
3
SENID(43)
SENID(42)
SENID(41)
SENID(40)
SENID(39)
4
SENID(38)
SENID(37)
SENID(36)
SENID(35)
SENID(34)
5
SENID(33)
SENID(32)
SENID(31)
SENID(30)
SENID(29)
6
SENID(28)
SENID(27)
SENID(26)
SENID(25)
SENID(24)
Sensor ID (0)
7
SENID(23)
SENID(22)
SENID(21)
SENID(20)
SENID(19)
PSNID(1)
PSNID(0)
0
8
SENID(18)
SENID(17)
SENID(16)
SENID(15)
SENID(14)
9
SENID(13)
SENID(12)
SENID(11)
SENID(10)
SENID(9)
10
SENID(8)
SENID(7)
SENID(6)
SENID(5)
SENID(4)
11
SENID(3)
SENID(2)
SENID(1)
SENID(0)
NU
PSN ID(0)
12
PSNID(1)
PSNID(0)
NU
NU
NU
OP threshold (1)
3
TRHS(3)
TRHS(2)
TRHS(1)
TRHS(0)
NU
OP timer (1)
4
TRDELAY(1)
TRDELAY(0)
NU
NU
NU
OP gain (1)
5
TRHSGAIN(2)
TRHSGAIN(1)
TRHSGAIN(0)
NU
NU
Baud rate (2)
3
CONF BPS(3)
CONF BPS(2)
CONF BPS(1)
CONF BPS(0)
NU
3
TRV OSC(16)
TRV OSC(15)
TRV OSC(14)
TRV OSC(13)
TRV OSC(12)
Input coarse offset (3)
4
TRV OSC(11)
TRV OSC(10)
TRV OSC(9)
TRV OSC(8)
NU
5
TRVOSF(7)
TRVOSF(6)
TRVOSF(5)
TRVOSF(4)
TRVOSF(3)
Input fine offset (3)
6
TRVOSF(2)
TRVOSF(1)
TRVOSF(0)
NU
NU
7
TRTC VOS1(6)
TRTC VOS1(5)
TRTC VOS1(4)
TRTC VOS1(3)
TRTC VOS1(2)
Input offset first order
temperature coefficient (3)
8
TRTC VOS1(1)
TRTC VOS1(0)
NU
NU
NU
9
TRTC VOS2(6)
TRTC VOS2(5)
TRTC VOS2(4)
TRTC VOS2(3)
TRTC VOS2(2)
Input offset second order
temperature coefficient (3)
10
TRTC VOS2(1)
TRTC VOS2(0)
NU
NU
NU
11
PSNID(1)
PSNID(0)
0
TRGAIN(8)
TRGAIN(7)
TRGAIN(6)
TRGAIN(5)
TRGAIN(4)
Gain adjust (3)
12
TRGAIN(3)
TRGAIN(2)
TRGAIN(1)
TRGAIN(0)
NU
13
TRTC GAIN1(5)
TRTC GAIN1(4)
TRTC GAIN1(3)
TRTC GAIN1(2)
TRTC GAIN1(1)
Gain first order
temperature coefficient (3)
14
TRTC GAIN1(0)
NU
NU
NU
NU
3
TEMP0(11)
TEMP0(10)
TEMP0(9)
TEMP0(8)
TEMP0(7)
Temperature sensor out 1
4
TEMP0(6)
TEMP0(5)
TEMP0(4)
TEMP0(3)
TEMP0(2)
(4)
5
TEMP0(1)
TEMP0(0)
NU
NU
NU
6
TEMP1(11)
TEMP1(10)
TEMP1(9)
TEMP1(8)
TEMP1(7)
Temperature sensor out 2
7
TEMP1(6)
TEMP1(5)
TEMP1(4)
TEMP1(3)
TEMP1(2)
(4)
8
TEMP1(1)
TEMP1(0)
NU
NU
NU
9
TEMP2(11)
TEMP2(10)
TEMP2(9)
TEMP2(8)
TEMP2(7)
Temperature sensor out 3
10
TEMP2(6)
TEMP2(5)
TEMP2(4)
TEMP2(3)
TEMP2(2)
(4)
11
TEMP2(1)
TEMP2(0)
NU
NU
NU
3
0
0
0
0
0
4
0
0
0
0
0
DIAG/UART
PSNID(1)
PSNID(0)
0
5
0
0
0
0
Fastdis
6
Stbit
EO
Pdis
0
0
Table 14. DIAG/UART Register (Bank Address = 8)
ITEM
DESCRIPTION
Parity disable
Pdis
1 = Disable
0 = Enable
Parity even or odd
EO
1 = Odd
0 = Even
Stop bit length
Stbit
1 = 2 bit
0 = 1 bit
Test mode baud rate
Fastdis
1 = Normal
0 = 153 kHz
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com