Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 3Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 4Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 5Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 6Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 7Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 8Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 9Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 10Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TPIC83000-Q1
www.ti.com
SLDS171 – NOVEMBER 2009
System Configuration/Programming
See the "Baud Rate Settings" table (Table 21).
Programming Voltage
•
Internally generated programming voltage
•
Only active during the write mode
•
The programming voltage can be monitored at PROGV pin.
•
15-ms sec timer / internal undervoltage comparator to guarantee required programming time and voltage
level. (12.5 V, 15 ms + system response time > 20 ms)
Temperature Sensor
•
Output data linearly proportional to temperature.
Internal Oscillator
•
2.458 MHz
•
External resistor is used for current reference
•
10 k
Ω
Sensor Output
•
Input signal from sensor is analog/digitally processed and output 10-bit word via DIO
•
Linear region: output is linear to the sensor input. Clamp region: output is at the clamp value.
•
Output and DIAG data can be requested every 100 ms.
•
Refer to Data format communications between microprocessor to IC Mode selection (microprocessor
→ IC)
chart.
Data Transfer Format
See Table 16.
Data Output Request (Sensor vs Calibration Mode)
Sensor Mode
1. Receive sensor position ID
2. Output pressure or temperature + DIAG + MODE information
Calibration Mode
A data access mode can be selected by setting ACSUNT
Bank Mode (ACSUNT = 1)
1. Receive sensor position ID + command
2. Receive Bank address
3. Available output is: 1. Sensor output + diagnostics, 2. Temperature, 3. ADC output, 4. Configuration baud
rate, 5. Sensor ID + Position ID, 6. Over-pressure setting, 7. Calibration setting, 8 Temperature data, 9.
Over-pressure setting history, 10. Calibration history, 11. Mode data
Field Mode (ACSUNT = 0)
1. Receive sensor position ID + Command
2. Receive Field address
3. Available output is: 1. Sensor + diagnostics, 2. Temperature, 3. ADC output, 4. Mode data
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com