Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC83000IPWRQ1 Datasheet HTML 1Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 2Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 3Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 4Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 5Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 6Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 7Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 8Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
TST0 TST1 TST2
LOGIC
(DSP)
ADC
14bit
Temperature
sensor
OSC
EEPROM
Amp.
inputerror
detector
I/O
i/f
SIP
SIN
DO
IC
HV
generator
ADC
12bit
REFI
PROGV
VCC
Amp.
Amp.
TST0 TST1 TST2
DI
Over -Pressure
detector
TST0 TST1 TST2
LOGIC
(DSP)
ADC
14bit
Temperature
sensor
OSC
EEPROM
Amp.
inputerror
detector
I/O
i/f
SIP
SIN
DO
IC
HV
generator
ADC
12bit
REFI
PROGV
GND
Amp.
Amp.
TST0 TST1 TST2
DI
Over -Pressure
detector
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Functional Block Diagram
TERMINAL FUNCTIONS
NAME
NO.
TYPE (1)
DESCRIPTION
Vcc
1
I
5-V input analog supply
VccA
2
I
ADC positive reference
Gnd
3
I
Ground (analog)
REFI
4
I
Current reference ( Vbg / R )
GndA
5
I
ADC negative reference
SIP
6
I / PD
Positive sensor input
Gnd
7
I
Ground (analog)
SIN
8
I / PD
Negative sensor input
ProgV
9
O / PD
EEPROM programming voltage monitor
TST0 (NC)(2)
10
I/O
Test (analog / digital)
TST1 (NC)(2)
11
I/O
Test (analog / digital)
TST2 (NC)(2)
12
I/O
Test (digital)
DO
13
O
UART interface output
DI
14
I
UART interface input
DGnd
15
I
Digital ground
Vdd
16
I
5-V digital supply
(1)
I = input, O = output, PD = pulldown, PU = pullup
(2)
These pins are to be used for TI internal test purposes only and must be "no connection" in the system application. No signal traces
should be connected to the NC pins.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com