Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 35Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 36Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 37Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 38Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 39Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 40Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 41Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 42Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
OUTB
OUTA
OUTA + OUTB
2
InputA + InputB
2
GAINNL
Calculated
Measured
InputA
InputB
In-Out Range
TPIC83000-Q1
www.ti.com
SLDS171 – NOVEMBER 2009
ELECTRICAL CHARACTERISTICS – EEPROM
Vdd = Vcc = VccA = 5 V +5%/–10%, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Write cycle
DIO and PROGV
25
times
EEPROM write time
DIO and PROGV
Write time
20
120
ms
Tprog_ok + system response time
Tprog_ok + system response time
PROG_OK timer
Tporg_ok
PROGV > VPROG
13.5
15
16.5
ms
Programming voltage
VPROG
PROGV
12.5
18
V
Write TA
–40
85
°C
ELECTRICAL CHARACTERISTICS – AFE
Vdd = Vcc = VccA = 5 V +5%/–10%, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Av
Analog front end gain
At TST1 and TST0, Vin = ±3 mV, TA = 25°C
285
300
321
V/V
ASIG
Signal path absolute error
Vin = ±3 mV
-16
16
LSB
Ratiometric error at -40°C and
RE4085
DIO Pin, Vcc = 4.92±50 mV, Gain = Max
-13
13
LSB
85°C
Input = GND, Temp = -40°C to 25°C, the offset TCs
TCVO1
Output temperature drift
-15
15
LSB
are set to the middle, Gain = Max
Input = GND, Temp = 25°C to 85°C, the offset TCs
TCVO2
Output temperature drift
-10
10
LSB
are set to the middle, Gain = Max
Analog front end gain
TCAG
At TST1 and TST0, Vin = ±3 mV
-0.5
0
0.5
%
temperature drift
TCVIONL
Output drift, second order
TCVO1 – TCVO2
-20
0
20
LSB
GAINNL
Gain non linearity
At TST1/ TST0, Vin = -3 mV, 1 mV
-20
0
20
mV
Figure 16. Analog Front-End Gain Non-Linearity (Measured vs Calculated)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com