Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 4Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 5Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 6Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 7Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 8Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 9Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 10Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 11Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Over Pressure
Input
(differential)
VIHS
Negative Pressure
Comparator Output
Output
DIAG
Acknowledge
Time
Deglitch time
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Programmable Input Over-Level Detection
Table 2. Input Over-Level Detection Ranges
PARAMETER
MIN
MAX
NOTE
Pressure range
-19.94 mV
-6.93 mV
VSIP – VSIN TRHSGAIN = 5
Programmable threshold level
-21.35 mV
-7.43 mV
TRHSGAIN = 4
Deglitch filter time
0.8 ms
3.2 ms
EEPROM programmable
EEPROM programmable
Programmable step size
0.93 mV
TRHSGAIN = 4
Figure 2. Detection of Negative Pressure Condition
Power Sequence
Power Up
•
The IC starts functioning if Vcc is more than UVcc + HVcc (~4 V).
•
Power on reset for digital circuit is ~2.5 V.
•
EEPROM data loaded to registers
•
DO is held low for ~10 ms.
Power Down
•
When Vcc is less than UVcc, disable DO.
Glitch on Vcc
•
Deglitch time : 320 ns (typical)
•
Functionality during the glitch : disable DO
•
Functionality after Vcc recovery: same as the Power up. EEPROM data is reloaded to registers if the glitch is
lower than 2.5 V (typ).
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com