Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 9Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 10Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 11Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 12Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 13Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 14Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 15Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 16Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
TPIC83000-Q1
www.ti.com
SLDS171 – NOVEMBER 2009
7
6
5
4
3
2
1
0
PSNID(1)
PSNID(0)
WORDID
OUTDATA(9)
OUTDATA(8)
OUTDATA(7)
OUTDATA(6)
OUTDATA(5)
ACOVLD
ACOVIN
WORDID
OUTDATA(4)
OUTDATA(3)
OUTDATA(2)
OUTDATA(1)
OUTDATA(0)
First Frame
PSNID[1:0]
Bits 7-6
Position ID of device on UART bus. Each device process information for one sensor. Four sensors can be
sensed on the UART bus. Position settings are defined in the EEPROM map.
00
Position 0
01
Position 1
10
Position 2
11
Position 3
WORDID
Bit 5
Frame ID of command byte. Sensor mode has only one command frame. Therefore, for sensor mode,
always = 0.
OUTDATA(9:5)
Bits 4-0
Top five MSB of pressure data
In sensor mode, data is processed with 10-bit resolution. The data is sent on the UART bus in 5-bit
increments until all data is transmitted. For example, if the data is 0100100011, the first five bits sent are
01001 and the second five bits sent are 00011.
Second Frame
ACOVLD
Bit 7
Detection of over-pressure condition and CRC or input voltage error
0
No error detected
1
Error detected
ACOVIN
Bit 6
Detection of CRC or input voltage error across SIP and SIN pins
0
No error detected
1
Error detected
WORDID
Bit 5
Frame ID of command byte. Sensor mode has only one command frame. Therefore, for sensor mode,
always = 0.
OUTDATA(4:0)
Bits 4-0
Bottom five bits of pressure data
Figure 6. Sensor Mode Data Frame Description
Table 5. Sensor Mode Command Frame Profile (RX)
DATA NAME
FRAME NO.
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
TX request
1
PSNID(1)
PSNID(0)
WORD ID
ACOVLD
ACOVIN
DISPSN
ACTMODE
ACSUNT
Table 6. Sensor Mode Data Frame Profile (TX)
DATA NAME
FRAME NO.
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
1
PSNID(1)
PSNID(0)
ACTMODE
OUTDATA(9)
OUTDATA(8)
OUTDATA(7)
OUTDATA(6)
OUTDATA(5)
Sensor OUT+ DIAG
2
DIAG(1)
DIAG(0)
ACSUNT
OUTDATA(4)
OUTDATA(3)
OUTDATA(2)
OUTDATA(1)
OUTDATA(0)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com