Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 22Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 23Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 24Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 25Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 26Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 27Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 28Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 29Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Table 17. Profile of Calibration Read Data Frames (Field Mode Addressing) (continued)
FIELD
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
FIELD NAME
FRAME
MODE
LENGTH
(BANK ADDRESS)
NO.
DATA
ADDRESS
MTR
MTR
History of OP timer
10000
(1:0)
1
NU
NU
NU
NU
NU
NU
DELAY(1)
DELAY(0)
MTRHS
MTRHS
MTRHS
History OP gain
10001
(2:0)
1
NU
NU
NU
NU
NU
GAIN(2)
GAIN(1)
GAIN(0)
MTR
MTR
MTR
MTR
MTR
MTR
MTR
MTR
1
VOS(17)
VOS(16)
VOS(15)
VOS(14)
VOS(13)
VOS(12)
VOS(11)
VOS(10)
History of Input
10010
(17:0)
offset
2
MTR VOS(9)
MTR VOS(8)
MTR VOS(7)
MTR VOS(6)
MTR VOS(5)
MTR VOS(4)
MTR VOS(3)
MTR VOS(2)
3
MTR VOS(1)
MTR VOS(0)
NU
NU
NU
NU
NU
NU
History of Input
offset first order
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
10011
(6:0)
1
NU
temperature
VOS1(6)
VOS1(5)
VOS1(4)
VOS1(3)
VOS1(2)
VOS1(1)
VOS1(0)
coefficient
History of Input
offset 2nd order
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
10100
(6:0)
1
NU
temperature
VOS2(6)
VOS2(5)
VOS2(4)
VOS2(3)
VOS2(2)
VOS2(1)
VOS2(0)
coefficient
1
MTRGAIN(8)
MTRGAIN(7)
MTRGAIN(6)
MTRGAIN(5)
MTRGAIN(4)
MTRGAIN(3)
MTRGAIN(2)
MTRGAIN(1)
History of Gain
10101
(8:0)
adjust
2
MTRGAIN(0)
NU
NU
NU
NU
NU
NU
NU
History of Gain first
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
MTRTC
order temperature
10110
(5:0)
1
NU
NU
GAIN1(5)
GAIN1(4)
GAIN1(3)
GAIN1(2)
GAIN1(1)
GAIN1(0)
coefficient
Table 18. Profile of Calibration Read Data Frames (Bank Mode Addressing)
FIELD
B7 (MSB)
B6
B5
B4
B3
B2
B1
B0 (LSB)
FIELD NAME
FRAME
MODE
LENGTH
(BANK ADDRESS)
NO.
DATA
ADDRESS
1
SENID(43)
SENID(42)
SENID(41)
SENID(40)
SENID(39)
SENID(38)
SENID(37)
SENID(36)
2
SENID(35)
SENID(34)
SENID(33)
SENID(32)
SENID(31)
SENID(30)
SENID(29)
SENID(28)
3
SENID(27)
SENID(26)
SENID(25)
SENID(24)
SENID(23)
SENID(22)
SENID(21)
SENID(20)
Sensor ID 0
00000
(43:0)
4
SENID(19)
SENID(18)
SENID(17)
SENID(16)
SENID(15)
SENID(14)
SENID(13)
SENID(12)
5
SENID(11)
SENID(10)
SENID(9)
SENID(8)
SENID(7)
SENID(6)
SENID(5)
SENID(4)
6
SENID(3)
SENID(2)
SENID(1)
SENID(0)
NU
NU
NU
NU
Position ID (0)
(1:0)
7
PSNID(1)
PSNID(0)
NU
NU
NU
NU
NU
NU
OP threshold(1)
(3:0)
1
TRHS(3)
TRHS(2)
TRHS(1)
TRHS(0)
NU
NU
NU
NU
OP timer(1)
(1:0)
2
TRDELAY(1)
TRDELAY(0)
NU
NU
NU
NU
NU
NU
00001
TRHS
TRHS
TRHS
OP gain(1)
(2:0)
3
NU
NU
NU
NU
NU
GAIN(2)
GAIN(1)
GAIN(0)
CONF
CONF
CONF
CONF
TRV
Baud rate(2)
00010
(3:0)
1
NU
NU
NU
BPS(3)
BPS(2)
BPS(1)
BPS(0)
OSC(10)
TRV
TRV
TRV
TRV
TRV
TRV
(16:8)
1
NU
TRV OSC(9)
Input coarse offset
OSC(16)
OSC(15)
OSC(14)
OSC(13)
OSC(12)
OSC(11)
(3)
2
TRV OSC(8)
NU
NU
NU
NU
NU
TRVOSF(1)
NU
TRTC
Input fine offset(3)
(7:0)
3
TRVOSF(7)
TRVOSF(6)
TRVOSF(5)
TRVOSF(4)
TRVOSF(3)
TRVOSF(2)
TRVOSF(0)
VOS1(1)
Input offset first
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
order temperature
(6:0)
4
NU
VOS1(6)
VOS1(5)
VOS1(4)
VOS1(3)
VOS1(2)
VOS1(1)
VOS2(0)
coefficient(3)
00011
Input offset second
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
order temperature
(6:0)
5
TRGAIN(2)
NU
VOS2(6)
VOS2(5)
VOS2(4)
VOS2(3)
VOS2(2)
VOS2(1)
coefficient(3)
6
TRGAIN(8)
TRGAIN(7)
TRGAIN(6)
TRGAIN(5)
TRGAIN(4)
TRGAIN(3)
NU
TRGAIN(1)
Gain adjust(3)
(8:0)
7
TRGAIN(0)
NU
NU
NU
NU
NU
NU
NU
Gain first order
TRTC
TRTC
TRTC
TRTC
TRTC
TRTC
temperature
(5:0)
8
TEMP0(5)
NU
GAIN1(5)
GAIN1(4)
GAIN1(3)
GAIN1(2)
GAIN1(1)
GAIN1(0)
coefficient(3)
(11:0)
1
TEMP0(11)
TEMP0(10)
TEMP0(9)
TEMP0(8)
TEMP0(7)
TEMP0(6)
NU
TEMP0(4)
Temperature sensor
OUT 1 (4)
2
TEMP0(3)
TEMP0(2)
TEMP0(1)
TEMP0(0)
NU
NU
TEMP1(5)
NU
(11:0)
3
TEMP1(11)
TEMP1(10)
TEMP1(9)
TEMP1(8)
TEMP1(7)
TEMP1(6)
NU
TEMP1(4)
Temperature sensor
00100
OUT 2 (4)
4
TEMP1(3)
TEMP1(2)
TEMP1(1)
TEMP1(0)
NU
NU
TEMP2(5)
NU
(11:0)
5
TEMP2(11)
TEMP2(10)
TEMP2(9)
TEMP2(8)
TEMP2(7)
TEMP2(6)
NU
TEMP2(4)
Temperature sensor
OUT 3 (4)
6
TEMP2(3)
TEMP2(2)
TEMP2(1)
TEMP2(0)
NU
NU
NU
NU
26
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com