Electronic Components Datasheet Search
  English  ▼

X  

TPIC83000IPWRQ1 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPIC83000IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC83000IPWRQ1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPIC83000IPWRQ1 Datasheet HTML 10Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 11Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 12Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 13Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 14Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 15Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 16Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 17Page - Texas Instruments TPIC83000IPWRQ1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Table 7. Bit Descriptions for Sensor Mode Command and Data Frames
CONTROL BIT
VALUE
Position ID matching is enabled and IC respond only when the ID is matched
0
(default)
DISPSN
1
Ignore position ID
0
Sensor mode(Default)
ACTMODE (left in Value)
1
Invalid command
10
Calibration mode
WORD ID (right in Value)
11
Invalid command
0
Band access (default)
ACSUNT
1
Field access
00
Data TX request (Default)
01
Write Request
Command ID
10
Read request
11
Mode selection request
0
EEPROM Write disabled (Default)
WE
1
EEPROM Write Enabled
DIAG FLAG
NORMAL
FAULT/CLEAR
DIAG(1)
0
1
Over-pressure fault condition detected (DIAG1 = 1)
DIAG(0)
0
1
CRC or input voltage error fault detected (DIAG0 = 1)
ACOVLD
0
1
Clear DIAG1 bit (ACOVLD = 1)
ACOVIN
0
1
Clear DIAG0 bit (ACOVIN = 1)(1)
POSITION ID
VALUE
00
ID:0
Default
01
ID:1
PSNID(1:0)
10
ID:2
11
ID:3
(1)
If DIAG0 is high (i.e., DIAG0 = 1) because of CRC error, DIAG0 cannot be cleared by ACOVIN.
Table 8. Overview of Self-Diagnostic and UART Errors
Function
DIAG
Register item
Default
Condition
Clear
DIAG1
Over-pressure
0
Over-pressure condition
ACOVLD = 1 or PUC
DIAG0
CRC Error
0
CRC error exists
WE = 0 or PUC
Self diagnostics
DIAG0
Input fault
(1)
Input voltage error exists
ACOVIN = 1 or PUC
—
PROG_OK
0
Programming voltage = 12.5 V, 15 ms
WE = 0
Frame error
0
Framing error exists
ACVOIN = 1
UART error
Over run error
0
Over run error exists
ACVOIN = 1
Parity error
0
Parity error exists
ACVOIN = 1
(1)
DIAG0 may be set to one depending upon Vcc / SIN / SIP power up condition.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com