Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 60Page - Cirrus Logic CS49300 Datasheet HTML 61Page - Cirrus Logic CS49300 Datasheet HTML 62Page - Cirrus Logic CS49300 Datasheet HTML 63Page - Cirrus Logic CS49300 Datasheet HTML 64Page - Cirrus Logic CS49300 Datasheet HTML 65Page - Cirrus Logic CS49300 Datasheet HTML 66Page - Cirrus Logic CS49300 Datasheet HTML 67Page - Cirrus Logic CS49300 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
CS49300 Family DSP
64
DS339F7
application to initialize, the host can send
configuration messages for both hardware and
software configuration.
This method of resetting the DSP is usually
referred to as a “soft reset” even though it involves
toggling the reset pin.
Table 12 lists some possible external memory
configurations for each DSP, in conjunction with
IBA codes stored in the host microcontroller. The
table provides a list of the ROM content, the size of
the combined memory images, the recommended
page size, and the number of discrete pages
required. The examples also include several
figures
which
present
the
different
ROM
configurations as composite memory images.
The CS49292, CS493102, and CS493112 all have
special memory requirements since they must
have access to external SRAM (70nS or faster)
during the decoding of AAC Multichannel (5.1
Channel) audio. More specifically this SRAM
requirement is ONLY required for AAC application
code which is capable of outputting 5.1 discrete
channels, but is not required of application code
that offers a 2 channel downmixed output.
Also, for the CS49330, there are certain releases
THX Surround EX (5.1 Channel and 7.1 Channel
versions), and THX Ultra2 Cinema (7.1 Channel
version only) application codes that offer additional
all-channel delay, and for this a 1Mbit or 2Mbit,
70nS SRAM is also required. The THX Surround
EX application codes (5.1 Channel or 7.1 Channel)
nor the THX Ultra2 Cinema code do not require
external
SRAM.
Please
refer
to
the
CS4932X/CS49330 Part Matrix vs. Code Matrix for
more detail about each particular application code.
The speed of external ROM or Flash Memory need
only be 330nS (or faster) which stores the
application codes, while the speed of the SRAM
must be 70nS or faster.
8.7. External Memory Examples
8.7.1. Non-Paged Autoboot Memory
The most rudimentary memory design discussed
above is the non-paged memory. In a non-paged
design, the DSP can only access one item in
memory which could be either a single full
download code load. The memory image given in
Figure 39. Performing a Reset
WRITE_*
WRITE_* (SOFTRESET,
MSG_SIZE)
RESET(LOW) (NOTE 1)
RESET(HIGH) (NOTE 2)
WAIT
500
µs
WAIT 5 ms (NOTE 3)
(CONFIGURATION_MESSAGES,
CONFIG_MSG_SIZE)
(NOTE 4)
Notes: 1. RESET must be held LOW for trstl.
2. It should be noted that mode pins are used to configure
the CS493XX communication mode. These mode pins
are latched internally on the rising edge of reset and
can be set dynamically by a microprocessor or can be
statically pulled HIGH or LOW. If these pins are driven
dynamically, setup and hold times must be satisfied as
stated in the CS493XX Datasheet. More information
about the function of the mode pins can be found in the
CS493XX Datasheet and in Section 6, “Control” on
page 36.
3. 5 ms is typical but this time is application code specific
and may be as high as 10 ms. Wait times should be
verified by the designer.
4. Configuration messages determine both hardware and
software configuration. Hardware configurations are
described in Section 11 of this manual. Software
application configuration messages are described in
the Application Code User’s Guide for the code being
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com