Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 10Page - Cirrus Logic CS49300 Datasheet HTML 11Page - Cirrus Logic CS49300 Datasheet HTML 12Page - Cirrus Logic CS49300 Datasheet HTML 13Page - Cirrus Logic CS49300 Datasheet HTML 14Page - Cirrus Logic CS49300 Datasheet HTML 15Page - Cirrus Logic CS49300 Datasheet HTML 16Page - Cirrus Logic CS49300 Datasheet HTML 17Page - Cirrus Logic CS49300 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
CS49300 Family DSP
14
DS339F7
1.10. Switching Characteristics — SPI™ Control Port
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. The specification fsck indicates the maximum speed of the hardware. The system designer should be
aware that the actual maximum speed of the communication port may be limited by the software. The
relevant application code user’s manual should be consulted for the software speed limitations.
2. Data must be held for sufficient time to bridge the 50 ns transition time of SCCLK.
3. SCDOUT should not be sampled during this time period.
4. INTREQ goes high only if there is no data to be read from the DSP at the rising edge of SCCLK for the
second-to-last bit of the last byte of data during a read operation as shown.
5. If INTREQ goes high as indicated in (Note 4), then INTREQ is guaranteed to remain high until the next
rising edge of SCCLK. If there is more data to be read at this time, INTREQ goes active low again. Treat
this condition as a new read transaction. Raise chip select to end the current read transaction and then
drop it, followed by the 7-bit address and the R/W bit (set to 1 for a read) to start a new read transaction.
6. With a 3.3k Ohm pull-up resistor this value is typically 260ns. As this pin is open drain adjusting the pull
up value will affect the rise time.
7. This time is by design and not tested.
Parameter
Symbol
Min
Max
Units
SCCLK clock frequency
(Note 1)
fsck
-2000
kHz
CS falling to SCCLK rising
tcss
20
-
ns
Rise time of SCCLK line
(Note 7)
tr
-50
ns
Fall time of SCCLK lines
(Note 7)
tf
-50
ns
SCCLK low time
tscl
150
-
ns
SCCLK high time
tsch
150
-
ns
Setup time SCDIN to SCCLK rising
tcdisu
50
-
ns
Hold time SCCLK rising to SCDIN
(Note 2)
tcdih
50
-
ns
Transition time from SCCLK to SCDOUT valid
(Note 3)
tscdov
-40
ns
Time from SCCLK rising to INTREQ rising
(Note 4)
tscrh
-
200
ns
Rise time for INTREQ
(Note 4)
trr
-
(Note 6)
ns
Hold time for INTREQ from SCCLK rising
(Note 5, 7)
tscrl
0-
ns
Time from SCCLK falling to CS rising
tsccsh
20
-
ns
High time between active CS
tcsht
200
-
ns
Time from CS rising to SCDOUT high-Z
(Note 7)
tcscdo
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com