Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 14Page - Cirrus Logic CS49300 Datasheet HTML 15Page - Cirrus Logic CS49300 Datasheet HTML 16Page - Cirrus Logic CS49300 Datasheet HTML 17Page - Cirrus Logic CS49300 Datasheet HTML 18Page - Cirrus Logic CS49300 Datasheet HTML 19Page - Cirrus Logic CS49300 Datasheet HTML 20Page - Cirrus Logic CS49300 Datasheet HTML 21Page - Cirrus Logic CS49300 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
CS49300 Family DSP
18
DS339F7
1.12. Switching Characteristics — Digital Audio Input
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. Master mode timing specifications are characterized, not production tested.
2. Master mode is defined as the CS493XX driving LRCLKN1(2) and SCLKN1(2). Master or Slave mode
can be programmed.
3. This timing parameter is defined from the non-active edge of SCLKN1(2). The active edge of
SCLKN1(2) is the point at which the data is valid.
4. This timing parameter is defined from the active edge of SCLKN1(2). The active edge of SCLKN1(2) is
the point at which the data is valid.
5. Slave mode is defined as SCLKN1(2) and LRCLKN1(2) being driven by an external source.
Parameter
Symbol
Min
Max
Unit
SCLKN1(2) period for both Master and Slave mode
(Note 1)
Tsclki
40
-
ns
SCLKN1(2) duty cycle for Master and Slave mode
(Note 1)
45
55
%
Master Mode
(Note 1, 2)
LRCLKN1(2) delay after SCLKN1(2) transition
(Note 3)
Tlrds
-10
ns
SDATAN1(2) setup to SCLKN1(2) transition
(Note 4)
Tsdsum
10
-
ns
SDATAN1(2) hold time after SCLKN1(2) transition
(Note 4)
Tsdhm
5-
ns
Slave Mode
(Note 5)
Time from active edge of SCLKN1(2) to LRCLKN1(2) transition
Tstlr
10
-
ns
Time from LRCLKN1(2) transition to SCLKN1(2) active edge
Tlrts
10
-
ns
SDATAN1(2) setup to SCLKN1(2) transition
(Note 4)
Tsdsus
5-
ns
SDATAN1(2) hold time after SCLKN1(2) transition
(Note 4)
Tsdhs
5-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com