Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 20Page - Cirrus Logic CS49300 Datasheet HTML 21Page - Cirrus Logic CS49300 Datasheet HTML 22Page - Cirrus Logic CS49300 Datasheet HTML 23Page - Cirrus Logic CS49300 Datasheet HTML 24Page - Cirrus Logic CS49300 Datasheet HTML 25Page - Cirrus Logic CS49300 Datasheet HTML 26Page - Cirrus Logic CS49300 Datasheet HTML 27Page - Cirrus Logic CS49300 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
CS49300 Family DSP
24
DS339F7
2.
FAMILY OVERVIEW
The CS49300 family contains system on a chip
solutions for multichannel audio decompression
and digital signal processing. The CS49300 family
is split into 4 sub-families targeted at the DVD,
broadcast and audio/video receiver (AVR), and
effects and post processing markets.
This document focuses on the electrical features
and characteristics of these parts. Different
features are described from a hardware design
perspective. It should be understood that not all of
the features portrayed in this document are
supported by all of the versions of application code
available. The application code user’s guides
should be consulted to confirm which hardware
features are supported by the software.
The parts use a combination of internal ROM and
RAM. Depending on the application being used, a
download of application software may be required
each time the part is powered up. This document
uses “download” and “code load” interchangeably.
These terms should be interpreted as meaning the
transfer of application code into the internal
memory of the part from either an external
microcontroller or through the autoboot procedure.
2.1. CS493XX Document Strategy
The documents described below are integral in
defining the functionality and usage of the
CS39300 family of DSPs.
1) CS49300 Datasheet (DS339)
2) CS49300 Errata - (ER339) - This document
contain
updates/corrections/exceptions
to
the
datasheet.
3) Application Note (AN162) - This document
contains firmware usage information for Broadcast
Systems.
It
serves
mainly
to
assist
the
microcontroller programmer but may also be highly
useful to the system designer.
4) Application Note (AN163) - This document
contains firmware usage information for Outboard
Decoder Systems - e.g. AVR. It serves mainly to
assist the microcontroller programmer but may
also be highly useful to the system designer.
Note: Please also contact your local Cirrus
Logic FAE to obtain other relevant documents
of new technology and also latest versions of
the above mentioned documents.
2.2. Multichannel Decoder Family of
Parts
CS49300 - DVD Audio Decoder. The CS49300
device is targeted at audio decoding in the DVD via
ES or PES in a serial or parallel bursty fashion for
MLP or for DVD Audio Pack Layer Support. (All the
other decoding/processing algorithms listed below
require delivery of PCM or IEC61937-packed
compressed data via I2S or LJ formatted digital
audio to the CS49300). Specifically the CS49300
will
support
all
of
the
following
decoding/processing standards:
•
Meridian Lossless Packing™ (MLP™)* (for ES
and PES data delivery only)
•
DVD Audio Pack Layer Support* (for ES and
PES data delivery only)
•
Dolby Digital™ (AC-3™) with
Dolby Pro Logic™
•
Dolby Digital™ with Dolby Pro Logic™ plus
Cirrus Extra Surround™
•
Dolby Digital™ with Dolby Pro Logic II™
•
Dolby Digital™ with Dolby Pro Logic II™ plus
Cirrus Extra Surround™
•
Virtual Dolby Digital™
•
MPEG-2, Advanced Audio Coding Algorithm
(AAC)
•
MPEG Multichannel
•
MPEG Multichannel with Dolby Pro Logic II™
•
MPEG
Multichannel
plus
Cirrus
Extra
Surround™
•
MPEG-1, Layer 3 (MP3)
•
DTS Digital Surround™
•
DTS Digital Surround™ with
Dolby Pro Logic II™
•
DTS Digital Surround™ plus Cirrus Extra
Surround™
•
DTS-ES
Extended
Surround™
(DTS-ES
Discrete 6.1 & Matrix 6.1)
•
DTS Neo:6™
•LOGIC5® (5.1 Channel, Max Fs=48kHz and
LOGIC7® (7.1 Channel, Max Fs=96kHz)
•
VMAx VirtualTheater® (Virtual Dolby Digital)
•
SRS TruSurround™ (Virtual Dolby Digital and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com