| Electronic Components Datasheet Search |
|
CS49300 Datasheet(PDF) 65 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49300 Datasheet(HTML) 65 Page - Cirrus Logic |
|
65 / 90 page ![]() CS49300 Family DSP DS339F7 65 Figure 40 is an example of a non-paged memory image. Only 15 of the 16 output bits of the address latches would be connected to address bits A0-A14 of the external ROM, in order to have access to the single application code stored in the 32 kilobyte non- paged memory. The host is completely isolated from memory accesses in this situation. Once the hardware has been designed, the DSP itself will be responsible for all communication with the ROM. 8.7.2. 32 Kilobyte Paged Autoboot Memory An external memory architecture which is paged on 32 Kilobyte boundaries offers the higher end system the ability to store several full download or IBA application codes in each 32 Kilobyte page. Figure 41 shows an example of a 32 Kilobyte paged memory image for a the premium 6.1/7.1 channel system describe in Table 12 above. ROM Content Image Size Number of Pages Required IBA Code(s) Stored in Host Type of Design CS493254 N/A, All IBA codes are loaded using Host Boot technique N/A, All IBA codes are loaded using Host Boot technique N/A, All IBA codes are loaded using Host Boot technique Dolby Digital with PL II, C.O.S. Dolby Digital with Pro Logic II 5.1 Channel System Dolby Digital with PLII + Cinema Re-EQ, HDCD 32 + 32 = 64 Kbytes 2 C.O.S. Enhanced Dolby Digital with Pro Logic II 5.1 Channel System CS493264 N/A, All IBA codes are loaded using Host Boot technique N/A, All IBA codes are loaded using Host Boot technique N/A, All IBA codes are loaded using Host Boot technique Dolby Digital with PL II, C.O.S., DTS Enhanced Dolby Digital/ DTS 5.1 Channel System Dolby Digital with C.E.S., MPEG Multichannel with C.E.S., DTS with C.E.S., MP3 32 * 4 pages = 128 Kbytes 4 C.O.S. Basic 6.1 Channel System Dolby Digital with PLII with C.E.S., MPEG Multichannel with PLII, DTS-ES, DTS Neo:6 32 * 4 pages = 128 Kbytes 4 C.O.S. Enhanced 6.1 Channel System Dolby Digital with PLII with C.E.S., MPEG Multichannel with PLII, DTS-ES with PLII, DTS Neo:6, HDCD, LOGIC7, MP3, Virtual Dolby Digital with VMAx VirtualTheater 32 * 8 = 256 Kbytes 8 C.O.S. Premium 6.1/7.1 Channel System CS493292 Dolby Digital with PLII with C.E.S., MPEG Multichannel with PLII, DTS-ES, DTS Neo:6, HDCD, SRS Circle Surround II, C.O.S., MPEG-2: AAC 32 * 8 = 256 Kbytes 8 N/A, No IBA Codes not avail- able for the CS493292 Premium 6.1/7.1 Channel System with AAC Support Table 12. Memory Requirements for Example 5.1, 6.1 and 7.1 Channel Systems Figure 40. Non-Paged Memory 0x00000 0x0FFFF Dolby Digital with Pro Logic II Code or another Full Download Code |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |