Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 80Page - Cirrus Logic CS49300 Datasheet HTML 81Page - Cirrus Logic CS49300 Datasheet HTML 82Page - Cirrus Logic CS49300 Datasheet HTML 83Page - Cirrus Logic CS49300 Datasheet HTML 84Page - Cirrus Logic CS49300 Datasheet HTML 85Page - Cirrus Logic CS49300 Datasheet HTML 86Page - Cirrus Logic CS49300 Datasheet HTML 87Page - Cirrus Logic CS49300 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
CS49300 Family DSP
84
DS339F7
RESET—Master Reset Input: Pin 36
Asynchronous active-low master reset input. Reset should be low at power-up to initialize the
CS493XX and to guarantee that the device is not active during initial power-on stabilization
periods. At the rising edge of reset the host interface mode is selected contingent on the state
of the RD, WR and PSEL pins. Additionally, an autoboot sequence can be initiated if a serial
control mode is selected and ABOOT is held low. If reset is low all bidirectional pins are high
impedance inputs. INPUT
SCDIO, SCDOUT, PSEL, GPIO9—Serial Control Port Data Input and Output, Parallel Port Type
Select: Pin 19
In I2C mode, this pin serves as the open-drain bidirectional data pin. In SPI mode this pin
serves as the data output pin. In parallel host mode, this pin is sampled at the rising edge of
RESET to configure the parallel host mode as an Intel type bus or as a Motorola type bus. In
parallel host mode, after the bus mode has been selected, the pin can function as a general-
purpose input or output pin. At reset this pin acts as one of the mode select pins. It requires a
3.3k Ohm pull-up or pull-down. BIDIRECTIONAL - Default: INPUT
In I2C mode this pin is an OPEN DRAIN I/O and requires a 3.3k Pull-Up
EXTMEM, GPIO8—External Memory Chip Select or General Purpose Input & Output Number 8:
Pin 21
In serial control port mode, this pin can serve as an output to provide the chip-select for an
external byte-wide ROM. In parallel and serial host mode, this pin can also function as a
general-purpose input or output pin. BIDIRECTIONAL - Default: INPUT
INTREQ, ABOOT—Control Port Interrupt Request, Automatic Boot Enable: Pin 20
Open-drain interrupt-request output. This pin is driven low to indicate that the DSP has
outgoing control data and should be serviced by the host. Also in serial host mode, this signal
initiates an automatic boot cycle from external memory if it is held low through the rising edge
of reset. OPEN DRAIN I/O - Requires 3.3k Ohm Pull-Up
AUDATA2—Digital Audio Output 2: Pin 39
PCM multi-format digital-audio data output, capable of two-channel 20-bit output. This PCM
output defaults to DGND as output until enabled by the DSP software. OUTPUT
AUDATA1—Digital Audio Output 1: Pin 40
PCM multi-format digital-audio data output, capable of two-channel 20-bit output. This PCM
output defaults to DGND as output until enabled by the DSP software. OUTPUT
AUDATA0—Digital Audio Output 0: Pin 41
PCM multi-format digital-audio data output, capable of two-, four-, or six-channel 20-bit output.
This PCM output defaults to DGND as output until enabled by the DSP software. OUTPUT
MCLK—Audio Master Clock: Pin 44
Bidirectional master audio clock. MCLK can be an output from the CS493XX that provides an
oversampled audio-output clock at either 128 Fs, 256 Fs, or 512 Fs. MCLK can be an input at
128 Fs, 256 Fs, 384 Fs, or 512 Fs. MCLK is used to derive SCLK and LRCLK when SCLK and
LRCLK are driven by the CS493XX. BIDIRECTIONAL - Default: INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com