Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 41Page - Cirrus Logic CS49300 Datasheet HTML 42Page - Cirrus Logic CS49300 Datasheet HTML 43Page - Cirrus Logic CS49300 Datasheet HTML 44Page - Cirrus Logic CS49300 Datasheet HTML 45Page - Cirrus Logic CS49300 Datasheet HTML 46Page - Cirrus Logic CS49300 Datasheet HTML 47Page - Cirrus Logic CS49300 Datasheet HTML 48Page - Cirrus Logic CS49300 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
CS49300 Family DSP
DS339F7
45
as a functional description, building upon the basic
read and write protocols defined in the Motorola
and Intel sections. The following will be covered:
•
Flow diagram and description for a control
write
•
Flow diagram and description for a control read
Host Message (HOSTMSG) Register, A[1:0] = 00b
HOSTMSG7–0
Host data to and from the DSP. A read or write of this register operates handshake bits between
the internal DSP and the external host. This register typically passes multibyte messages car-
rying microcode, control, and configuration data. HOSTMSG is physically implemented as two
independent registers for input and output (read and write).
Host Control (CONTROL) Register, A[1:0] = 01b
Reserved
Always write a 0 for future compatibility.
CMPRST
When set, initializes the CMPDATA compressed data input channel. Writing a one to this bit
holds the port in reset. Writing zero enables the port. This bit must be low for normal operation.
(Write only)
PCMRST
When set, initializes the PCMDATA linear PCM input channel. Writing a one to this bit holds the
port in reset. Writing zero enables the port. This bit must be low for normal operation. (Write
only)
MFC
When high, indicates that the PCMDATA input buffer is almost full. (read only)
MFB
When high, indicates that the CMPDATA input buffer is almost full. (read only)
HINBSY
Set when the host writes to HOSTMSG. Cleared when the DSP reads data from the HOSTMSG
register. The host reads this bit to determine if the last host byte written has been read by the
DSP. (Read only)
HOUTRDY
Set when the DSP writes to the HOSTMSG register. Cleared when the host reads data from
the HOSTMSG register. The DSP reads this bit to determine if the last DSP output byte has
been read by the host. (read only)
Reserved
Always write a 0 for future compatibility.
PCM Data Input (PCMDATA) Register, A[1:0] = 10b
PCMDATA7–0
The host writes PCM data to the DSP input buffer at this address. (Write only)
Compressed Data Input (CMPDATA) Register, A[1:0] = 11b
CMPDATA7–0
The host writes compressed data to the DSP input buffer at this address. (Write only)
76
54
32
10
HOSTMSG7
HOSTMSG6
HOSTMSG5
HOSTMSG4
HOSTMSG3
HOSTMSG2
HOSTMSG1
HOSTMSG0
76
54
32
10
Reserved
CMPRST
PCMRST
MFC
MFB
HINBSY
HOUTRDY
Reserved
76
54
32
10
PCMDATA7
PCMDATA6
PCMDATA5
PCMDATA4
PCMDATA3
PCMDATA2
PCMDATA1
PCMDATA0
76
54
32
10
CMPDATA7
CMPDATA6
CMPDATA5
CMPDATA4
CMPDATA3
CMPDATA2
CMPDATA1
CMPDATA0
Table 5. Parallel Input/Output Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com