Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 23Page - Cirrus Logic CS49300 Datasheet HTML 24Page - Cirrus Logic CS49300 Datasheet HTML 25Page - Cirrus Logic CS49300 Datasheet HTML 26Page - Cirrus Logic CS49300 Datasheet HTML 27Page - Cirrus Logic CS49300 Datasheet HTML 28Page - Cirrus Logic CS49300 Datasheet HTML 29Page - Cirrus Logic CS49300 Datasheet HTML 30Page - Cirrus Logic CS49300 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
CS49300 Family DSP
DS339F7
27
3.
TYPICAL CONNECTION
DIAGRAMS
Six typical connection diagrams have been
presented to illustrate using the part with the
different communication modes available. They
are as follows:
Figure 13, "I2C® Control" on page 29
Figure 14, "I2C® Control with External Memory" on
page 30
Figure 15, "SPI Control" on page 31
Figure 16, "SPI Control with External Memory" on
page 32
Figure 17, "Intel® Parallel Control Mode" on page
33
Figure 18, "Motorola® Parallel Control Mode" on
page 34
The following should be noted when viewing the
typical connection diagrams:
The pins are grouped functionally in each of the
typical connection diagrams. Please be aware that
the CS493XX symbol may appear differently in
each diagram.
The external memory interface is only supported
when a serial communication mode has been
chosen.
The typical connection diagrams demonstrate the
PLL being used (CLKSEL is pulled low). To use
CLKIN as the DSP clock, CLKSEL should be
pulled high. The system designer must be aware
that certain software features may not be available
if external CLKIN is used as the DSP must run
slower when external CLKIN is used. The system
designer should also be aware of additional duty
cycle requirements when using external CLKIN as
a DSP clock. It is highly suggested that the system
designer use the PLL and pull CLKSEL low.
3.1. Multiplexed Pins
The CS493XX family of digital signal processors
(DSPs) incorporate a large amount of flexibility into
a 44 pin package. Because of the high degree of
integration, many of these pins are internally
multiplexed to serve multiple purposes. Some pins
are designed to operate in one mode at power up,
and serve a different purpose when the DSP is
running. Other pins have functionality which can be
controlled by the application running on the DSP.
In order to better explain the behavior of the part,
the pins which are multiplexed have been given
multiple names. Each name is specific to the pin’s
operation in a particular mode.
An example of this would be the use of pin 20 in
one of the serial control modes. During the boot
period of the CS493XX, pin 20 is called ABOOT.
ABOOT is sampled on the rising edge of RESET.
If ABOOT is high the host must download code to
the DSP. If ABOOT is low when sampled, the
CS493XX goes into autoboot mode and loads itself
with code by generating addresses and reading
data on EMAD[7:0]. When the part has been
loaded with code and is running an application,
however, pin 20 is called INTREQ. INTREQ is an
open drain output used to inform the host that the
DSP has an outgoing message which should be
read.
In this document, pins will be referred to by their
functionality. Section 12, “Pin Descriptions” on
page 82 describes each pin of the CS493XX and
lists all of its names. Please refer to this section
when exact pin numbers are in question.
The part has 12 general purpose input and output
(GPIO[11:0])
pins
that
all
have
multiple
functionality.
While
in
one
of
the
parallel
communication modes (Section 6.2, “Parallel Host
Communication” on page 44), these pins are used
to implement the parallel host communication
interface. While in one of the serial host modes
these pins are used to implement an external
memory interface. Alternatively while in one of the
serial host modes these pins could be used for
another general purpose if the application code
has been programmed to support the special
purpose. In this document the pins are referenced
by the name corresponding to their particular use.
Sometimes GPIO[11:0], or some subset thereof, is
used when referring to the pins in a general sense.
3.2. Termination Requirements
The CS493XX incorporates open drain pins which
must be pulled high for proper operation. INTREQ
(pin 20) is always an open drain pin which requires
a pull-up for proper operation. When in the I2C
serial communication mode, the SCDIO signal (pin
19) is open drain and thus requires a pull-up for
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com