Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 24Page - Cirrus Logic CS49300 Datasheet HTML 25Page - Cirrus Logic CS49300 Datasheet HTML 26Page - Cirrus Logic CS49300 Datasheet HTML 27Page - Cirrus Logic CS49300 Datasheet HTML 28Page - Cirrus Logic CS49300 Datasheet HTML 29Page - Cirrus Logic CS49300 Datasheet HTML 30Page - Cirrus Logic CS49300 Datasheet HTML 31Page - Cirrus Logic CS49300 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
CS49300 Family DSP
28
DS339F7
Due to the internal, multiplexed design of the pins,
certain signals may or may not require termination
depending on the mode being used. If a parallel
host communication mode is not being used,
GPIO[11:0] must be terminated or driven as these
pins will come up as high impedance inputs and
will be prone to oscillation if they are left floating.
The specific termination requirements may vary
since the state of some of the GPIO pins will
determine the communication mode at the rising
edge of reset (please see Section 6, “Control” on
page 36 for more information). For the explicit
termination requirements of each communication
mode please see the typical connection diagrams.
Generally a 4.7k Ohm resistor is recommended for
open drain pins. The communication mode setting
pins (please see Section 6, “Control” on page 36
for more information) should also be terminated
with a 4.7k resistor. A 10k Ohm resistor is sufficient
for the GPIO pins and unused inputs.
3.3. Phase Locked Loop Filter
The internal phase locked loop (PLL) of the
CS493XX requires an external filter for successful
operation. The topology of this filter is shown in the
typical connection diagrams. The component
values are shown below. Care should be taken
when laying out the filter circuitry to minimize trace
lengths and to avoid any close routing of high
frequency signals. Any noise coupled on to the
filter circuit will be directly coupled into the PLL,
which could affect performance.
Reference Designator
Value
C1
2.2uF
C2
220pF
C3
10nF
R1
200k Ohm
Table 1. PLL Filter Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com