Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 33Page - Cirrus Logic CS49300 Datasheet HTML 34Page - Cirrus Logic CS49300 Datasheet HTML 35Page - Cirrus Logic CS49300 Datasheet HTML 36Page - Cirrus Logic CS49300 Datasheet HTML 37Page - Cirrus Logic CS49300 Datasheet HTML 38Page - Cirrus Logic CS49300 Datasheet HTML 39Page - Cirrus Logic CS49300 Datasheet HTML 40Page - Cirrus Logic CS49300 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
CS49300 Family DSP
DS339F7
37
4) When all of the bytes have been transferred,
chip select should be raised to signify an end of
write. Once again it is crucial that the serial
clock transitions from high to low on the last bit
of the last byte before chip select is raised, or a
loss of data will occur.
The same write routine could be used to send a
single byte, message or an entire application code
image. From a hardware perspective, it makes no
difference whether communication is by byte or
multiple bytes of any length as long as the correct
hardware protocol is followed.
6.1.1.2. Reading in SPI
A read operation is necessary when the CS493XX
signals that it has data to be read. The CS493XX
does this by dropping its interrupt request line
(INTREQ) low. When reading from the device in
SPI, the same protocol will be used whether
reading a single byte or multiple bytes. The
examples shown in this document can be
expanded to fit any read situation. Figure 20, "SPI
Read Flow Diagram" on page 37 shows a typical
read sequence:
The following is a detailed description of an SPI
read sequence with the CS493XX.
1) An SPI read transaction is initiated by the
CS493XX dropping INTREQ, signaling that it
has data to be read.
2) The host responds by driving chip select (CS)
low.
3) This is followed by a 7-bit address and the
read/write bit set high for a read. The address
for the CS493XX defaults to 0000000b. It is
necessary to clock this address in prior to any
transfer
in
order
for
the
CS493XX
to
acknowledge the read. In other words a byte of
0x01 should be clocked into the device
preceding any read. The 0x01 byte represents
the 7 bit address 0000000b, and the least
Figure 19. SPI Write Flow Diagram
SPI START: CS (LOW)
WRITE ADDRESS BYTE
SET TO 0 FOR WRITE
SEND DATABYTE
MORE DATA?
CS (HIGH)
WITH MODE BIT
N
Y
Figure 20. SPI Read Flow Diagram
CS (LOW)
WRITE ADDRESS BYTE
SET TO 1 FOR READ
READ DATA BYTE
INTREQ STILL LOW?
CS (HIGH)
WITH MODE BIT
NO
YES
INTREQ LOW?
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com