Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 20Page - NXP Semiconductors LPC1111 Datasheet HTML 21Page - NXP Semiconductors LPC1111 Datasheet HTML 22Page - NXP Semiconductors LPC1111 Datasheet HTML 23Page - NXP Semiconductors LPC1111 Datasheet HTML 24Page - NXP Semiconductors LPC1111 Datasheet HTML 25Page - NXP Semiconductors LPC1111 Datasheet HTML 26Page - NXP Semiconductors LPC1111 Datasheet HTML 27Page - NXP Semiconductors LPC1111 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
24 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
7.15 Clocking and power control
7.15.1 Crystal oscillators
The LPC1111/12/13/14 include three independent oscillators. These are the system
oscillator, the Internal RC oscillator (IRC), and the Watchdog oscillator. Each oscillator can
be used for more than one purpose as required in a particular application.
Following reset, the LPC1111/12/13/14 will operate from the Internal RC oscillator until
switched by software. This allows systems to operate without any external crystal and the
bootloader code to operate at a known frequency.
See Figure 6 for an overview of the LPC1111/12/13/14 clock generation.
7.15.1.1
Internal RC oscillator
The IRC may be used as the clock source for the WDT, and/or as the clock that drives the
PLL and subsequently the CPU. The nominal IRC frequency is 12 MHz. The IRC is
trimmed to 1 % accuracy over the entire voltage and temperature range.
Fig 6.
LPC1111/12/13/14 clock generation block diagram
SYSTEM PLL
IRC oscillator
system oscillator
watchdog oscillator
IRC oscillator
watchdog oscillator
MAINCLKSEL
(main clock select)
SYSPLLCLKSEL
(system PLL clock select)
SYSTEM CLOCK
DIVIDER
AHB clock 0
(system)
AHBCLKCTRL[1:18]
(AHB clock enable)
AHB clocks 1 to 18
(memories
and peripherals)
SPI0 PERIPHERAL
CLOCK DIVIDER
SPI0
SPI1 PERIPHERAL
CLOCK DIVIDER
SPI1
UART PERIPHERAL
CLOCK DIVIDER
UART
WDT CLOCK
DIVIDER
WDT
WDTUEN
(WDT clock update enable)
watchdog oscillator
IRC oscillator
system oscillator
CLKOUT PIN CLOCK
DIVIDER
CLKOUT pin
CLKOUTUEN
(CLKOUT update enable)
002aae514
main clock
system clock
IRC oscillator
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com