Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 27Page - NXP Semiconductors LPC1111 Datasheet HTML 28Page - NXP Semiconductors LPC1111 Datasheet HTML 29Page - NXP Semiconductors LPC1111 Datasheet HTML 30Page - NXP Semiconductors LPC1111 Datasheet HTML 31Page - NXP Semiconductors LPC1111 Datasheet HTML 32Page - NXP Semiconductors LPC1111 Datasheet HTML 33Page - NXP Semiconductors LPC1111 Datasheet HTML 34Page - NXP Semiconductors LPC1111 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
31 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
IOH
HIGH-level output
current
VOH =VDD − 0.4 V;
2.0 V
≤ V
DD ≤ 3.6 V
[13]
−4
--mA
1.8 V
≤ V
DD < 2.0 V
[13]
−3
--mA
IOL
LOW-level output
current
VOL =0.4 V
2.0 V
≤ V
DD ≤ 3.6 V
[13] 4
--mA
1.8 V
≤ V
DD < 2.0 V
[13] 3
--mA
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[14] --
−45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[14] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
μA
Ipu
pull-up current
VI =0V;
2.0 V
≤ V
DD ≤ 3.6 V
−15
−50
−85
μA
1.8 V
≤ V
DD < 2.0 V
−10
−50
−85
μA
VDD <VI < 5 V
000
μA
High-drive output pin (PIO0_7)
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip
pull-down resistor
disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD;
on-chip pull-up/down
resistors disabled
-
0.5
10
nA
VI
input voltage
pin configured to provide
a digital function
[10][11]
[12]
0-
5.0
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
2.0 V
≤ V
DD ≤ 3.6 V;
IOH = −4 mA
[13] VDD − 0.4
--V
1.8 V
≤ V
DD < 2.0 V;
IOH = −3 mA
[13] VDD − 0.4
--V
VOL
LOW-level output
voltage
2.0 V
≤ V
DD ≤ 3.6 V;
IOL =4 mA
[13] --0.4
V
1.8 V
≤ V
DD < 2.0 V;
IOL =3 mA
[13] --0.4
V
IOH
HIGH-level output
current
VOH =VDD − 0.4 V;
VDD ≥ 2.5 V
[13] 20
--mA
IOL
LOW-level output
current
VOL =0.4 V
2.0 V
≤ V
DD ≤ 3.6 V
[13] 4
--mA
1.8 V
≤ V
DD < 2.0 V
[13] 3
--mA
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com