Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 11Page - NXP Semiconductors LPC1111 Datasheet HTML 12Page - NXP Semiconductors LPC1111 Datasheet HTML 13Page - NXP Semiconductors LPC1111 Datasheet HTML 14Page - NXP Semiconductors LPC1111 Datasheet HTML 15Page - NXP Semiconductors LPC1111 Datasheet HTML 16Page - NXP Semiconductors LPC1111 Datasheet HTML 17Page - NXP Semiconductors LPC1111 Datasheet HTML 18Page - NXP Semiconductors LPC1111 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
15 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
Table 5.
LPC1111/12/13/14 pin description table (HVQFN33 package)
Symbol
Pin
Type
Description
PIO0_0 to PIO0_11
I/O
Port 0 — Port 0 is a 12-bit I/O port with individual direction and function
controls for each bit. The operation of port 0 pins depends on the function
selected through the IOCONFIG register block.
RESET/PIO0_0
2[1]
I
RESET — External reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default states, and
processor execution to begin at address 0.
I/O
PIO0_0 — General purpose digital input/output pin.
PIO0_1/CLKOUT/
CT32B0_MAT2
3[2]
I/O
PIO0_1 — General purpose digital input/output pin. A LOW level on this pin
during reset starts the ISP command handler.
O
CLKOUT — Clock out pin.
O
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
PIO0_2/SSEL0/
CT16B0_CAP0
8[2]
I/O
PIO0_2 — General purpose digital input/output pin.
O
SSEL0 — Slave select for SPI0.
I
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
PIO0_3
9[2]
I/O
PIO0_3 — General purpose digital input/output pin.
PIO0_4/SCL
10[3]
I/O
PIO0_4 — General purpose digital input/output pin (open-drain).
I/O
SCL — I2C-bus, open-drain clock input/output. High-current sink only if I2C
Fast-mode Plus is selected in the I/O configuration register.
PIO0_5/SDA
11[3]
I/O
PIO0_5 — General purpose digital input/output pin (open-drain).
I/O
SDA — I2C-bus, open-drain data input/output. High-current sink only if I2C
Fast-mode Plus is selected in the I/O configuration register.
PIO0_6/SCK0
15[2]
I/O
PIO0_6 — General purpose digital input/output pin.
I/O
SCK0 — Serial clock for SPI0.
PIO0_7/CTS
16[2]
I/O
PIO0_7 — General purpose digital input/output pin (high-current output
driver).
I
CTS — Clear To Send input for UART.
PIO0_8/MISO0/
CT16B0_MAT0
17[2]
I/O
PIO0_8 — General purpose digital input/output pin.
I/O
MISO0 — Master In Slave Out for SPI0.
O
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI0/
CT16B0_MAT1
18[2]
I/O
PIO0_9 — General purpose digital input/output pin.
I/O
MOSI0 — Master Out Slave In for SPI0.
O
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
SWCLK/PIO0_10/SCK0/
CT16B0_MAT2
19[2]
I
SWCLK — Serial wire clock.
I/O
PIO0_10 — General purpose digital input/output pin.
I/O
SCK0 — Serial clock for SPI0.
O
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
R/PIO0_11/AD0/
CT32B0_MAT3
21[4]
I
R — Reserved. Configure for an alternate function in the IOCONFIG block.
I/O
PIO0_11 — General purpose digital input/output pin.
I
AD0 — A/D converter, input 0.
O
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
PIO1_0 to PIO1_11
I/O
Port 1 — Port 1 is a 12-bit I/O port with individual direction and function
controls for each bit. The operation of port 1 pins depends on the function
selected through the IOCONFIG register block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com