Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 33Page - NXP Semiconductors LPC1111 Datasheet HTML 34Page - NXP Semiconductors LPC1111 Datasheet HTML 35Page - NXP Semiconductors LPC1111 Datasheet HTML 36Page - NXP Semiconductors LPC1111 Datasheet HTML 37Page - NXP Semiconductors LPC1111 Datasheet HTML 38Page - NXP Semiconductors LPC1111 Datasheet HTML 39Page - NXP Semiconductors LPC1111 Datasheet HTML 40Page - NXP Semiconductors LPC1111 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
37 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
Conditions: VDD = 3.3 V; sleep mode entered from flash; all peripherals disabled in the
AHBCLKCTRL register (AHBCLKCTRL = 0x1F); all peripheral clocks disabled; internal pull-up
resistors disabled; BOD disabled.
(1) System oscillator and system PLL disabled; IRC enabled.
(2) System oscillator and system PLL enabled; IRC disabled.
Fig 10. Sleep mode: Typical supply current IDDversus temperature for different system
clock frequencies
Conditions: BOD disabled; all oscillators and analog blocks disabled in the PDSLEEPCFG register
(PDSLEEPCFG = 0xFFFF FDFF).
Fig 11. Deep-sleep mode: Typical supply current IDD versus temperature for different
supply voltages VDD
002aaf392
temperature (
°C)
−40
85
35
10
60
−15
2
6
4
8
IDD
(mA)
0
12 MHz(1)
36 MHz(2)
48 MHz(2)
24 MHz(2)
002aaf394
temperature (
°C)
−40
85
35
10
60
−15
10
30
20
40
IDD
(
μA)
0
3.6 V
3.3 V
2.0 V
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com