Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 31Page - NXP Semiconductors LPC1111 Datasheet HTML 32Page - NXP Semiconductors LPC1111 Datasheet HTML 33Page - NXP Semiconductors LPC1111 Datasheet HTML 34Page - NXP Semiconductors LPC1111 Datasheet HTML 35Page - NXP Semiconductors LPC1111 Datasheet HTML 36Page - NXP Semiconductors LPC1111 Datasheet HTML 37Page - NXP Semiconductors LPC1111 Datasheet HTML 38Page - NXP Semiconductors LPC1111 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
35 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
9.1 BOD static characteristics
[1]
Interrupt levels are selected by writing the level value to the BOD control register BODCTRL, see LPC111x
user manual.
9.2 Power consumption
Power measurements in Active, Sleep, and Deep-sleep modes were performed under the
following conditions (see LPC111x user manual):
• Configure all pins as GPIO with pull-up resistor disabled in the IOCONFIG block.
• Configure GPIO pins as outputs using the GPIOnDIR registers.
• Write 0 to all GPIOnDATA registers to drive the outputs LOW.
Table 9.
BOD static characteristics[1]
Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
threshold voltage
interrupt level 0
assertion
-
1.65
-
V
de-assertion
-
1.80
-
V
interrupt level 1
assertion
-
2.22
-
V
de-assertion
-
2.35
-
V
interrupt level 2
assertion
-
2.52
-
V
de-assertion
-
2.66
-
V
interrupt level 3
assertion
-
2.80
-
V
de-assertion
-
2.90
-
V
reset level 0
assertion
-
1.46
-
V
de-assertion
-
1.63
-
V
reset level 1
assertion
-
2.06
-
V
de-assertion
-
2.15
-
V
reset level 2
assertion
-
2.35
-
V
de-assertion
-
2.43
-
V
reset level 3
assertion
-
2.63
-
V
de-assertion
-
2.71
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com