Electronic Components Datasheet Search
  English  ▼

X  

LPC1111 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 28Page - NXP Semiconductors LPC1111 Datasheet HTML 29Page - NXP Semiconductors LPC1111 Datasheet HTML 30Page - NXP Semiconductors LPC1111 Datasheet HTML 31Page - NXP Semiconductors LPC1111 Datasheet HTML 32Page - NXP Semiconductors LPC1111 Datasheet HTML 33Page - NXP Semiconductors LPC1111 Datasheet HTML 34Page - NXP Semiconductors LPC1111 Datasheet HTML 35Page - NXP Semiconductors LPC1111 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
32 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
Tamb =25 °C.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
IRC enabled; system oscillator disabled; system PLL disabled.
[5]
BOD disabled.
[6]
All peripherals disabled in the AHBCLKCTRL register. Peripheral clocks to UART and SPI0/1 disabled in system configuration block.
[7]
IRC disabled; system oscillator enabled; system PLL enabled.
[8]
All oscillators and analog blocks turned off in the PDSLEEPCFG register; PDSLEEPCFG = 0xFFFF FDFF.
[9]
WAKEUP pin pulled HIGH externally.
[10] Including voltage on outputs in 3-state mode.
[11] VDD supply voltage must be present.
[12] 3-state outputs go into 3-state mode in Deep power-down mode.
[13] Accounts for 100 mV voltage drop in all supply lines.
[14] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[14] --
−45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[14] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
μA
Ipu
pull-up current
VI =0V
2.0 V
≤ V
DD ≤ 3.6 V
−15
−50
−85
μA
1.8 V
≤ V
DD < 2.0 V
−10
−50
−85
μA
VDD <VI < 5 V
000
μA
I2C-bus pins (PIO0_4 and PIO0_5)
VIH
HIGH-level input
voltage
0.7VDD
--V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.5VDD
-V
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as standard
mode pins
2.0 V
≤ V
DD ≤ 3.6 V
[13] 4
--mA
1.8 V
≤ V
DD < 2.0 V
[13] 3-
-
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as Fast-mode
Plus pins
2.0 V
≤ V
DD ≤ 3.6 V
[13] 20
--mA
1.8 V
≤ V
DD < 2.0 V
[13] 16
-
-
ILI
input leakage current
VI =VDD
[15] -2
4
μA
VI =5V
-
10
22
μA
Oscillator pins
Vi(xtal)
crystal input voltage
−0.5
1.8
1.95
V
Vo(xtal)
crystal output voltage
−0.5
1.8
1.95
V
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com