Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 24Page - NXP Semiconductors SC68C752B Datasheet HTML 25Page - NXP Semiconductors SC68C752B Datasheet HTML 26Page - NXP Semiconductors SC68C752B Datasheet HTML 27Page - NXP Semiconductors SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors SC68C752B Datasheet HTML 31Page - NXP Semiconductors SC68C752B Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
28 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
7.9 Interrupt Identification Register (IIR)
The IIR is a read-only 8-bit register which provides the source of the interrupt in a
prioritized manner. Table 18 shows Interrupt Identification Register bit settings.
The interrupt priority list is shown in Table 19.
Table 18.
Interrupt Identification Register bits description
Bit
Symbol
Description
7:6
IIR[7:6]
Mirror the contents of FCR[0].
5
IIR[5]
RTSn/CTSn LOW-to-HIGH change of state
4
IIR[4]
1 = Xoff/Special character has been detected
3:1
IIR[3:1]
3-bit encoded interrupt. See Table 19.
0
IIR[0]
Interrupt status.
logic 0 = an interrupt is pending
logic 1 = no interrupt is pending
Table 19.
Interrupt priority list
Priority
level
IIR[5]
IIR[4]
IIR[3]
IIR[2]
IIR[1]
IIR[0]
Source of the interrupt
1
0
0
0110receiver line status error
2
0
0
1100receiver time-out interrupt
2
0
0
0100RHR interrupt
3
0
0
0010THR interrupt
4
0
0
0000modem interrupt
5
0
1
0000received Xoff signal/ special
character
6
1
0
0000CTSn, RTSn change of state from
active (LOW) to inactive (HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com