Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 12Page - NXP Semiconductors SC68C752B Datasheet HTML 13Page - NXP Semiconductors SC68C752B Datasheet HTML 14Page - NXP Semiconductors SC68C752B Datasheet HTML 15Page - NXP Semiconductors SC68C752B Datasheet HTML 16Page - NXP Semiconductors SC68C752B Datasheet HTML 17Page - NXP Semiconductors SC68C752B Datasheet HTML 18Page - NXP Semiconductors SC68C752B Datasheet HTML 19Page - NXP Semiconductors SC68C752B Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
16 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.6.2 Block DMA transfers (DMA mode 1)
Figure 11 shows TXRDYn and RXRDYn in DMA mode 1.
6.6.2.1
Transmitter
TXRDYn is active when there is a trigger level number of spaces available. It becomes
inactive when the FIFO is full.
6.6.2.2
Receiver
RXRDYn becomes active when the trigger level has been reached, or when a time-out
interrupt occurs. It will go inactive when the FIFO is empty or an error in the receive FIFO
is flagged by LSR[7].
6.7 Sleep mode
Sleep mode is an enhanced feature of the SC68C752B UART. It is enabled when EFR[4],
the enhanced functions bit, is set and when IER[4] is set. Sleep mode is entered when:
• The serial data input line, RXn, is idle (see Section 6.8 “Break and time-out
conditions”).
• The transmit FIFO and transmit shift register are empty.
• There are no interrupts pending except THR and time-out interrupts.
Remark: Sleep mode will not be entered if there is data in the receive FIFO.
In Sleep mode, the UART clock and baud rate clock are stopped. Since most registers are
clocked using these clocks, the power consumption is greatly reduced. The UART will
wake up when any change is detected on the RXn line, when there is any change in the
state of the modem input pins, or if data is written to the transmit FIFO.
Remark: Writing to the divisor latches, DLL and DLM, to set the baud clock, must not be
done during Sleep mode. Therefore, it is advisable to disable Sleep mode using IER[4]
before writing to DLL or DLM.
Fig 11. TXRDYn and RXRDYn in DMA mode 1
transmit
wrptr
wrptr
TXRDYn
FIFO full
TXRDYn
receive
rdptr
rdptr
FIFO EMPTY
RXRDYn
RXRDYn
002aaa234
trigger
level
trigger
level
at least one
location filled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com