Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors SC68C752B Datasheet HTML 10Page - NXP Semiconductors SC68C752B Datasheet HTML 11Page - NXP Semiconductors SC68C752B Datasheet HTML 12Page - NXP Semiconductors SC68C752B Datasheet HTML 13Page - NXP Semiconductors SC68C752B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
10 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
There are two other enhanced features relating to software flow control:
• Xon Any function (MCR[5]): Operation will resume after receiving any character
after recognizing the Xoff character. It is possible that an Xon1 character is
recognized as an Xon Any character, which could cause an Xon2 character to be
written to the RX FIFO.
• Special character (EFR[5]): Incoming data is compared to Xoff2. Detection of the
special character sets the Xoff interrupt (IIR[4]) but does not halt transmission. The
Xoff interrupt is cleared by a read of the IIR. The special character is transferred to the
RX FIFO.
6.3.1 Receive flow control
When software flow control operation is enabled, the SC68C752B will compare incoming
data with Xoff1/Xoff2 programmed characters (in certain cases, Xoff1 and Xoff2 must be
received sequentially). When the correct Xoff character are received, transmission is
halted after completing transmission of the current character. Xoff detection also sets
IIR[4] (if enabled via IER[5]) and causes IRQ to go HIGH.
To resume transmission, an Xon1/Xon2 character must be received (in certain cases
Xon1 and Xon2 must be received sequentially). When the correct Xon characters are
received, IIR[4] is cleared, and the Xoff interrupt disappears.
6.3.2 Transmit flow control
Xoff1/Xoff2 character is transmitted when the RX FIFO has passed the HALT trigger level
programmed in TCR[3:0].
Xon1/Xon2 character is transmitted when the RX FIFO reaches the RESUME trigger level
programmed in TCR[7:4].
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an
ordinary byte from the FIFO. This means that even if the word length is set to be 5, 6, or 7
characters, then the 5, 6, or 7 least significant bits of Xoff1/Xoff2, Xon1/Xon2 will be
transmitted. (Note that the transmission of 5, 6, or 7 bits of a character is seldom done, but
this functionality is included to maintain compatibility with earlier designs.)
It is assumed that software flow control and hardware flow control will never be enabled
simultaneously. Figure 7 shows an example of software flow control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com