Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 4 Page - NXP Semiconductors

  SC68C752B Datasheet HTML 1Page - NXP Semiconductors SC68C752B Datasheet HTML 2Page - NXP Semiconductors SC68C752B Datasheet HTML 3Page - NXP Semiconductors SC68C752B Datasheet HTML 4Page - NXP Semiconductors SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
4 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
5.
Pinning information
5.1 Pinning
Fig 2.
Pin configuration for LQFP48
Fig 3.
Pin configuration for HVQFN32
SC68C752BIB48
D5
RESET
D6
DTRB
D7
DTRA
RXB
RTSA
RXA
OPA
TXRDYB
RXRDYA
TXA
IRQ
TXB
n.c.
OPB
A0
CS
A1
A3
A2
n.c.
n.c.
002aab018
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
002aac014
SC68C752BIBS
Transparent top view
A2
OPB
CS
A1
TXB
A0
TXA
n.c.
RXA
IRQ
RXB
OPA
D7
RTSA
D6
RESET
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com