Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 5 Page - NXP Semiconductors

  SC68C752B Datasheet HTML 1Page - NXP Semiconductors SC68C752B Datasheet HTML 2Page - NXP Semiconductors SC68C752B Datasheet HTML 3Page - NXP Semiconductors SC68C752B Datasheet HTML 4Page - NXP Semiconductors SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
5 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
5.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type
Description
LQFP48 HVQFN32
A0
28
19
I
Address 0 select bit. Internal registers address selection.
A1
27
18
I
Address 1 select bit. Internal registers address selection.
A2
26
17
I
Address 2 select bit. Internal registers address selection.
A3
11
9
I
Address 3. A3 is used to select Channel A or Channel B. A logic LOW selects
Channel A, and a logic HIGH selects Channel B. (See Table 3.)
CDA
40
-
I
Carrier Detect (active LOW). These inputs are associated with individual UART
Channel A and Channel B. A logic LOW on these pins indicates that a carrier has
been detected by the modem for that channel. The state of these inputs is
reflected in the Modem Status Register (MSR).
CDB
16
-
I
CS
10
8
I
Chip Select (active LOW). This pin enables data transfers between the user
CPU and the SC68C752B for the channel(s) addressed. Individual UART
sections (A, B) are addressed by A3. See Table 3.
CTSA
38
25
I
Clear to Send (active LOW). These inputs are associated with individual UART
Channel A and Channel B. A logic 0 (LOW) on the CTSn pins indicates the
modem or data set is ready to accept transmit data from the SC68C752B. Status
can be tested by reading MSR[4]. These pins only affect the transmit and receive
operations when auto-CTS function is enabled via the Enhanced Feature
Register EFR[7] for hardware flow control operation.
CTSB
23
15
I
D0
44
27
I/O
Data bus (bidirectional). These pins are the 8-bit, 3-state data bus for
transferring information to or from the controlling CPU. D0 is the least significant
bit and the first data bit in a transmit or receive serial data stream.
D1
45
28
I/O
D2
46
29
I/O
D3
47
30
I/O
D4
48
31
I/O
D5
1
32
I/O
D6
2
1
I/O
D7
3
2
I/O
DSRA
39
-
I
Data Set Ready (active LOW). These inputs are associated with individual
UART Channel A and Channel B. A logic 0 (LOW) on these pins indicates the
modem or data set is powered-on and is ready for data exchange with the UART.
The state of these inputs is reflected in the Modem Status Register (MSR).
DSRB
20
-
I
DTRA
34
-
O
Data Terminal Ready (active LOW). These outputs are associated with
individual UART Channel A and Channel B. A logic 0 (LOW) on these pins
indicates that the SC68C752B is powered-on and ready. These pins can be
controlled via the Modem Control Register. Writing a logic 1 to MCR[0] will set the
DTRn output pin to logic 0 (LOW), enabling the modem. The output of these pins
will be a logic 1 after writing a logic 0 to MCR[0], or after a reset.
DTRB
35
-
O
GND
17, 24
13[1]
I
Signal and power ground.
IRQ
30
21
O
Interrupt Request. Interrupts from UART Channel A and Channel B are
wire-ORed internally to function as a single IRQ interrupt. This pin transitions to a
logic 0 (if enabled by the Interrupt Enable Register) whenever a UART channel(s)
requires service. Individual channel interrupt status can be determined by
addressing each channel through its associated internal register, using CS and
A3. An external pull-up resistor must be connected between this pin and VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com