Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 36Page - NXP Semiconductors SC68C752B Datasheet HTML 37Page - NXP Semiconductors SC68C752B Datasheet HTML 38Page - NXP Semiconductors SC68C752B Datasheet HTML 39Page - NXP Semiconductors SC68C752B Datasheet HTML 40Page - NXP Semiconductors SC68C752B Datasheet HTML 41Page - NXP Semiconductors SC68C752B Datasheet HTML 42Page - NXP Semiconductors SC68C752B Datasheet HTML 43Page - NXP Semiconductors SC68C752B Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
40 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Fig 22. Transmit ready timing in non-FIFO mode
D0
D1
D2
D3
D4
D5
D6
D7
002aab094
Start
bit
td17
TXA,
TXB
TXRDYA,
TXRDYB
CS (write)
data bits (0 to 7)
active
D0 to D7
byte #1
td18
transmitter
not ready
active
transmitter ready
parity
bit
Stop
bit
next
data
Start
bit
Fig 23. Transmit ready timing in FIFO mode
D0
D1
D2
D3
D4
D5
D6
D7
002aab377
stop
bit
parity
bit
td17
TXA,
TXB
CS (write)
D0 to D7
start
bit
data bits (0 to 7)
byte #64
TXRDYA,
TXRDYB
td18
trigger
lead
active
5 data bits
6 data bits
7 data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com