Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 25Page - NXP Semiconductors SC68C752B Datasheet HTML 26Page - NXP Semiconductors SC68C752B Datasheet HTML 27Page - NXP Semiconductors SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors SC68C752B Datasheet HTML 31Page - NXP Semiconductors SC68C752B Datasheet HTML 32Page - NXP Semiconductors SC68C752B Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
29 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
7.10 Enhanced Feature Register (EFR)
This 8-bit register enables or disables the enhanced features of the UART. Table 20
shows the Enhanced Feature Register bit settings.
7.11 Divisor latches (DLL, DLM)
These are two 8-bit registers which store the 16-bit divisor for generation of the baud clock
in the baud rate generator. DLM stores the most significant part of the divisor. DLL stores
the least significant part of the divisor.
Note that DLL and DLM can only be written to before Sleep mode is enabled, that is,
before IER[4] is set.
7.12 Transmission Control Register (TCR)
This 8-bit register is used to store the receive FIFO threshold levels to stop/start
transmission during hardware/software flow control. Table 21 shows transmission control
register bit settings.
TCR trigger levels are available from 0 bytes to 60 bytes with a granularity of four.
Table 20.
Enhanced Feature Register bits description
Bit
Symbol
Description
7
EFR[7]
CTS flow control enable.
logic 0 = CTS flow control is disabled (normal default condition)
logic 1 = CTS flow control is enabled. Transmission will stop when a HIGH
signal is detected on the CTSn pin.
6EFR[6]
RTS flow control enable.
logic 0 = RTS flow control is disabled (normal default condition)
logic 1 = RTS flow control is enabled. The RTSn pin goes HIGH when the
receiver FIFO halt trigger level TCR[3:0] is reached, and goes LOW when the
receiver FIFO resume transmission trigger level TCR[7:4] is reached.
5
EFR[5]
Special character detect.
logic 0 = special character detect disabled (normal default condition)
logic 1 = special character detect enabled. Received data is compared with
Xoff2 data. If a match occurs, the received data is transferred to FIFO and
IIR[4] is set to a logic 1 to indicate a special character has been detected.
4
EFR[4]
Enhanced functions enable bit.
logic 0 = disables enhanced functions and writing to IER[7:4], FCR[5:4],
MCR[7:5]
logic 1 = enables the enhanced function IER[7:4], FCR[5:4], and MCR[7:5]
can be modified, that is, this bit is therefore a write enable
3:0
EFR[3:0]
Combinations of software flow control can be selected by programming these
bits. See Table 4 “Software flow control options (EFR[3:0])” on page 9.
Table 21.
Transmission Control Register bits description
Bit
Symbol
Description
7:4
TCR[7:4]
receive FIFO trigger level to resume transmission (0 bytes to 60 bytes).
3:0
TCR[3:0]
receive FIFO trigger level to halt transmission (0 bytes to 60 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com