Electronic Components Datasheet Search
  English  ▼

X  

SC68C752B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors SC68C752B Datasheet HTML 10Page - NXP Semiconductors SC68C752B Datasheet HTML 11Page - NXP Semiconductors SC68C752B Datasheet HTML 12Page - NXP Semiconductors SC68C752B Datasheet HTML 13Page - NXP Semiconductors SC68C752B Datasheet HTML 14Page - NXP Semiconductors SC68C752B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
11 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.3.3 Software flow control example
6.3.3.1
Assumptions
UART1 is transmitting a large text file to UART2. Both UARTs are using software flow
control with single character Xoff (0F) and Xon (0D) tokens. Both have Xoff threshold
(TCR[3:0] = F) set to 60, and Xon threshold (TCR[7:4] = 8) set to 32. Both have the
interrupt receive threshold (TLR[7:4] = D) set to 52.
UART1 begins transmission and sends 52 characters, at which point UART2 will generate
an interrupt to its processor to service the RX FIFO, but assume the interrupt latency is
fairly long. UART1 will continue sending characters until a total of 60 characters have
been sent. At this time, UART2 will transmit a 0Fh to UART1, informing UART1 to halt
transmission. UART1 will likely send the 61st character while UART2 is sending the Xoff
character. Now UART2 is serviced and the processor reads enough data out of the RX
FIFO that the level drops to 32. UART2 will now send a 0Dh to UART1, informing UART1
to resume transmission.
Fig 7.
Software flow control example
TRANSMIT FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon1 WORD
Xon2 WORD
Xoff1 WORD
Xoff2 WORD
RECEIVE FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon1 WORD
Xon2 WORD
Xoff1 WORD
Xoff2 WORD
UART2
UART1
002aaa229
data
Xoff–Xon–Xoff
compare
programmed
Xon-Xoff
characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com