Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 191 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 191 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 187Page - ATMEL Corporation AT90USB162 Datasheet HTML 188Page - ATMEL Corporation AT90USB162 Datasheet HTML 189Page - ATMEL Corporation AT90USB162 Datasheet HTML 190Page - ATMEL Corporation AT90USB162 Datasheet HTML 191Page - ATMEL Corporation AT90USB162 Datasheet HTML 192Page - ATMEL Corporation AT90USB162 Datasheet HTML 193Page - ATMEL Corporation AT90USB162 Datasheet HTML 194Page - ATMEL Corporation AT90USB162 Datasheet HTML 195Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 306 page
background image
191
7707E–AVR–11/08
AT90USB82/162
Table 19-1.
Allocation and reorganization USB memory flow
• First, Endpoint 0 to Endpoint 4 are configured, in the growing order. The memory of each is
reserved in the DPRAM.
• Then, the Endpoint 2is disabled (EPEN=0), but its memory reservation is internally kept by
the controller.
• Its ALLOC bit is cleared: the Endpoint 3 “slides” down, but the Endpoint 4 does not “slide”.
• Finally, the firmware chooses to reconfigure the Endpoint 2, but with a bigger size. The
controller reserved the memory after the endpoint 1 memory and automatically “slide” the
Endpoint 3. The Endpoint 4 does not move and a memory conflict appear, in that both
Endpoint 3 and 4 use a common area. The data of those endpoints are potentially lost.
Note that :
• the data of Endpoint 0 are never lost whatever the activation or deactivation of the higher
Endpoint. Its data is lost if it is deactivated.
• Deactivate and reactivate the same Endpoint with the same parameters does not lead to a
“slide” of the higher endpoints. For those endpoints, the data are preserved.
• CFGOK is set by hardware even in the case that there is a “conflict” in the memory allocation.
19.7 PAD suspend
The next figures illustrates the pad behaviour:
• In the “idle” mode, the pad is put in low power consumption mode.
• In the “active” mode, the pad is working.
Free memory
0
1
2
3
4
EPEN=1
ALLOC=1
Free memory
0
1
EPEN=0
(ALLOC=1)
4
3
Free memory
0
1
3
Lost memory
4
Endpoints
activation
Endpoint Disable
Free its memory
(ALLOC=0)
Free memory
0
1
2 (bigger size)
Endpoint
Activatation
4
Conflict
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com