Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 193 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 193 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 189Page - ATMEL Corporation AT90USB162 Datasheet HTML 190Page - ATMEL Corporation AT90USB162 Datasheet HTML 191Page - ATMEL Corporation AT90USB162 Datasheet HTML 192Page - ATMEL Corporation AT90USB162 Datasheet HTML 193Page - ATMEL Corporation AT90USB162 Datasheet HTML 194Page - ATMEL Corporation AT90USB162 Datasheet HTML 195Page - ATMEL Corporation AT90USB162 Datasheet HTML 196Page - ATMEL Corporation AT90USB162 Datasheet HTML 197Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 306 page
background image
193
7707E–AVR–11/08
AT90USB82/162
19.9 Registers description
19.9.1
USB general registers
• 7 – USBE: USB macro Enable Bit
Set to enable the USB controller. Clear to disable and reset the USB controller, to disable the
USB transceiver and to disable the USB controller clock inputs.
• 6 – Reserved
The value read from this bit is always 0. Do not set this bit.
• 5 – FRZCLK: Freeze USB Clock Bit
Set to disable the clock inputs (the ”Resume Detection” is still active). This reduces the power
consumption. Clear to enable the clock inputs.
• 4-0 – Reserved
The value read from these bits is always 0. Do not set these bits.
• 7 – DPACC: DPRAM Direct Access Bit
Set this bit to directly read the content the Dual-Port RAM (DPR) data through the UEDATX or
UPDATX registers. See Section 19.6, page 190 for more details.
Clear this bit for normal operation and access the DPR through the endpoint FIFO.
• 6-0 – Reserved
The value read from these bits is always 0. Do not set these bits.
Bit
76
543
21
0
USBE
-
FRZLK
-
-
-
-
-
USBCON
Read/Writ
e
R/W
R
R/W
R
R
R
R
R
Initial Val-
ue
00
100
00
0
Bit
7
65
43
21
0
DPACC
--
--
--
-UDPAD-
DH
Read/Wr
ite
R/W
R
RR
RR
RR
Initial
Value
00
00
00
00
Bit
7
65
43
21
0
DPADD7:0
UDPAD-
DL
Read/Wr
ite
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial
Value
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com