Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 207 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 207 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 203Page - ATMEL Corporation AT90USB162 Datasheet HTML 204Page - ATMEL Corporation AT90USB162 Datasheet HTML 205Page - ATMEL Corporation AT90USB162 Datasheet HTML 206Page - ATMEL Corporation AT90USB162 Datasheet HTML 207Page - ATMEL Corporation AT90USB162 Datasheet HTML 208Page - ATMEL Corporation AT90USB162 Datasheet HTML 209Page - ATMEL Corporation AT90USB162 Datasheet HTML 210Page - ATMEL Corporation AT90USB162 Datasheet HTML 211Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 306 page
background image
207
7707E–AVR–11/08
AT90USB82/162
It is not possible to have overflow error during IN stage, in the CPU side, since the CPU should
write only if the bank is ready to access data (TXINI=1 or RWAL=1).
20.17 Interrupts
The next figure shows all the interrupts sources:
Figure 20-4. USB Device Controller Interrupt System
There are 2 kind of interrupts: processing (i.e. their generation are part of the normal processing)
and exception (errors).
Processing interrupts are generated when:
• Upstream resume(
UPRSMI)
• End of resume(
EORSMI)
• Wake up(
WAKEUPI)
• End of reset (Speed Initialization)(
EORSTI)
• Start of frame(
SOFI, if FNCERR=0)
• Suspend detected after 3 ms of inactivity(
SUSPI)
Exception Interrupts are generated when:
• CRC error in frame number of SOF(
SOFI, FNCERR=1)
UPRSMI
UDINT.6
UPRSME
UDIEN.6
EORSMI
UDINT.5
EORSME
UDIEN.5
WAKEUPI
UDINT.4
WAKEUPE
UDIEN.4
EORSTI
UDINT.3
EORSTE
UDIEN.3
SOFI
UDINT.2
SOFE
UDIEN.2
SUSPI
UDINT.0
SUSPE
UDIEN.0
USB Device
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com