Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 209 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 209 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 205Page - ATMEL Corporation AT90USB162 Datasheet HTML 206Page - ATMEL Corporation AT90USB162 Datasheet HTML 207Page - ATMEL Corporation AT90USB162 Datasheet HTML 208Page - ATMEL Corporation AT90USB162 Datasheet HTML 209Page - ATMEL Corporation AT90USB162 Datasheet HTML 210Page - ATMEL Corporation AT90USB162 Datasheet HTML 211Page - ATMEL Corporation AT90USB162 Datasheet HTML 212Page - ATMEL Corporation AT90USB162 Datasheet HTML 213Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 306 page
background image
209
7707E–AVR–11/08
AT90USB82/162
• Bit 2- RSTCPU - USB Reset CPU Bit
Set this bit to one by firmware in order to reset the CPU at the next USB reset (without disabling
the USB controller). The value of this bit will not be affected by the reset of the CPU generated
by a End Of Reset (remains set). This bit is reset when the USB controller is disabled.
Set this bit to zero by firmware otherwise.
• Bit 1- RMWKUP - Remote Wake-up Bit
Set to send an “upstream-resume” to the host for a remote wake-up. The SUSPI bit must be set
to allow the remote wake up to be sent.
Cleared by hardware. Clearing by software has no effect.
See Section 20.10, page 200 for more details.
• Bit 0 - DETACH - Detach Bit
Set to physically detach de device.
Clear to reconnect the device. See Section 20.9, page 199 for more details.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6 - UPRSMI - Upstream Resume Interrupt Flag
Set by hardware when the USB controller is sending a resume signal called “Upstream
Resume”. This triggers an USB interrupt if UPRSME is set.
Shall be cleared by software (USB clocks must be enabled before). Setting by software has no
effect.
• 5 - EORSMI - End Of Resume Interrupt Flag
Set by hardware when the USB controller detects a good “End Of Resume” signal initiated by
the host. This triggers an USB interrupt if EORSME is set.
Shall be cleared by software. Setting by software has no effect.
• 4 - WAKEUPI - Wake-up CPU Interrupt Flag
Set by hardware when the USB controller is re-activated by a filtered non-idle signal from the
lines (not by an upstream resume). This triggers an interrupt if WAKEUPE is set.
Shall be cleared by software (USB clock inputs must be enabled before). Setting by software
has no effect.
See Section 20.8, page 199 for more details.
Bit
7
654
3210
-
UPRSMI
EORSMI
WAKEUPI
EORSTI
SOFI
-
SUSPI
UDINT
Read/Wri
te
R
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial
Value
0
000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com