Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 260 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 256Page - ATMEL Corporation AT90USB162 Datasheet HTML 257Page - ATMEL Corporation AT90USB162 Datasheet HTML 258Page - ATMEL Corporation AT90USB162 Datasheet HTML 259Page - ATMEL Corporation AT90USB162 Datasheet HTML 260Page - ATMEL Corporation AT90USB162 Datasheet HTML 261Page - ATMEL Corporation AT90USB162 Datasheet HTML 262Page - ATMEL Corporation AT90USB162 Datasheet HTML 263Page - ATMEL Corporation AT90USB162 Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 306 page
background image
260
7707E–AVR–11/08
AT90USB82/162
Table 25-16. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable Serial Programming after
RESET goes low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase EEPROM and Flash.
Load Extended Address Byte
0100 1101
0000 0000
cccc cccc
xxxx xxxx
Defines Extended Address Byte for
Read Program Memory and Write
Program Memory Page.
Read Program Memory
0010 H000
aaaa aaaa
bbbb bbbb
oooo oooo
Read
H (high or low) data o from
Program memory at word address
c:a:b.
Load Program Memory Page
0100 H000
xxxx xxxx
xxbb bbbb
iiii iiii
Write
H (high or low) data i to Program
Memory page at word address
b. Data
low byte must be loaded before Data
high byte is applied within the same
address.
Write Program Memory Page
0100 1100
aaaa aaaa
bb
xx xxxx
xxxx xxxx
Write Program Memory Page at
address
c:a:b.
Read EEPROM Memory
1010 0000
0000 aaaa
bbbb bbbb
oooo oooo
Read data
o from EEPROM memory at
address
a:b.
Write EEPROM Memory
1100 0000
0000 aaaa
bbbb bbbb
iiii iiii
Write data
i to EEPROM memory at
address
a:b.
Load EEPROM Memory
Page (page access)
1100 0001
0000 0000
0000 00bb
iiii iiii
Load data
i to EEPROM memory page
buffer. After data is loaded, program
EEPROM page.
Write EEPROM Memory
Page (page access)
1100 0010
0000 aaaa
bbbb bb00
xxxx xxxx
Write EEPROM page at address
a:b.
Read Lock bits
0101 1000
0000 0000
xxxx xxxx
xxoo oooo
Read Lock bits. “0” = programmed, “1”
= unprogrammed. See Table 25-1 on
page 243 for details.
Write Lock bits
1010 1100
111x xxxx
xxxx xxxx
11ii iiii
Write Lock bits. Set bits = “0” to
program Lock bits. See Table 25-1 on
page 243 for details.
Read Signature Byte
0011 0000
000x xxxx
xxxx xxbb
oooo oooo
Read Signature Byte
o at address b.
Write Fuse bits
1010 1100
1010 0000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram.
Write Fuse High bits
1010 1100
1010 1000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram.
Write Extended Fuse Bits
1010 1100
1010 0100
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See
Table 25-3 on page
244 for details.
Read Fuse bits
0101 0000
0000 0000
xxxx xxxx
oooo oooo
Read Fuse bits. “0” = programmed, “1”
= unprogrammed.
Read Fuse High bits
0101 1000
0000 1000
xxxx xxxx
oooo oooo
Read Fuse High bits. “0” = pro-
grammed, “1” = unprogrammed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com